Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5387ACPZ-R71 Datasheet(PDF) 19 Page - Analog Devices

Part # ADL5387ACPZ-R71
Description  50 MHz to 2 GHz Quadrature Demodulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5387ACPZ-R71 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADL5387ACPZ-R71 Datasheet HTML 15Page - Analog Devices ADL5387ACPZ-R71 Datasheet HTML 16Page - Analog Devices ADL5387ACPZ-R71 Datasheet HTML 17Page - Analog Devices ADL5387ACPZ-R71 Datasheet HTML 18Page - Analog Devices ADL5387ACPZ-R71 Datasheet HTML 19Page - Analog Devices ADL5387ACPZ-R71 Datasheet HTML 20Page - Analog Devices ADL5387ACPZ-R71 Datasheet HTML 21Page - Analog Devices ADL5387ACPZ-R71 Datasheet HTML 22Page - Analog Devices ADL5387ACPZ-R71 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
ADL5387
Rev. 0 | Page 19 of 28
As an example, a second-order, Butterworth, low-pass filter
design is shown in Figure 56 where the differential load impedance
is 500 Ω, and the source impedance of the ADL5387 is 50 Ω.
The normalized series inductor value for the 10-to-1, load-to-
source impedance ratio is 0.074 H, and the normalized shunt
capacitor is 14.814 F. For a 10.9 MHz cutoff frequency, the
single-ended equivalent circuit consists of a 0.54 μH series
inductor followed by a 433 pF shunt capacitor.
The balanced configuration is realized as the 0.54 μH inductor
is split in half to realize the network shown in Figure 56.
VS
RS
2
RS
RL
RS
2
RL
2
RL
2
433pF
VS
RS = 50Ω
RL= 500Ω
0.54µH
0.27µH
0.27µH
433pF
BALANCED
CONFIGURATION
DENORMALIZED
SINGLE-ENDED
EQUIVALENT
VS
RS = 50Ω
= 0.1
RL= 500Ω
LN = 0.074H
CN
14.814F
NORMALIZED
SINGLE-ENDED
CONFIGURATION
= 25Ω
= 25Ω
= 250Ω
= 250Ω
fC = 10.9MHz
fC = 1Hz
Figure 56. Second-Order, Butterworth, Low-Pass Filter Design Example
A complete design example is shown in Figure 59. A sixth-order
Butterworth differential filter having a 1.9 MHz corner frequency
interfaces the output of the ADL5387 to that of an ADC input.
The 500 Ω load resistor defines the input impedance of the
ADC. The filter adheres to typical direct conversion WCDMA
applications, where 1.92 MHz away from the carrier IF frequency,
1 dB of rejection is desired and 2.7 MHz away 10 dB of rejection
is desired.
Figure 57 and Figure 58 show the measured frequency response
and group delay of the filter.
10
5
–20
–15
–10
–5
0
03
3.0
2.5
2.0
1.5
1.0
0.5
FREQUENCY (MHz)
.5
Figure 57. Baseband Filter Response
900
800
700
600
500
400
300
200
100
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
FREQUENCY (MHz)
Figure 58. Baseband Filter Group Delay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com