Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5387ACPZ-R71 Datasheet(PDF) 22 Page - Analog Devices

Part # ADL5387ACPZ-R71
Description  50 MHz to 2 GHz Quadrature Demodulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5387ACPZ-R71 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADL5387ACPZ-R71 Datasheet HTML 18Page - Analog Devices ADL5387ACPZ-R71 Datasheet HTML 19Page - Analog Devices ADL5387ACPZ-R71 Datasheet HTML 20Page - Analog Devices ADL5387ACPZ-R71 Datasheet HTML 21Page - Analog Devices ADL5387ACPZ-R71 Datasheet HTML 22Page - Analog Devices ADL5387ACPZ-R71 Datasheet HTML 23Page - Analog Devices ADL5387ACPZ-R71 Datasheet HTML 24Page - Analog Devices ADL5387ACPZ-R71 Datasheet HTML 25Page - Analog Devices ADL5387ACPZ-R71 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
ADL5387
Rev. 0 | Page 22 of 28
R&S FSEA30
SPECTRUM ANALYZER
HP 6235A
POWER SUPPLY
AGILENT 8665B
SIGNAL GENERATOR
LOW-PASS
FILTER
R&S SMT03
SIGNAL GENERATOR
ADL5387
CHAR BOARD
RF
LO
Q
I
GND
VPOS
6dB PAD
R1
50Ω
BAND-PASS
CAVITY FILTER
BAND-PASS
TUNABLE FILTER
BAND-REJECT
TUNABLE FILTER
HP87405
LOW NOISE
PREAMP
Figure 61. Measurement Setup for Noise Figure in the Presence of a Blocker
R&S FSEA30
SPECTRUM ANALYZER
HP 8508A
VECTOR VOLTMETER
R&S SMT-06
AGILENT E3631
PWER SUPPLY
AGILENT E8257D
SIGNAL GENERATOR
PC CONTROLLER
R&S SMT-06
IEEE
IEEE
ADL5387
CHAR BOARD
RF
LO
Q
I
GND
VPOS
6dB PAD
6dB PAD
SWITCH
MATRIX
RF
AMPLIFIER
VP GND
OUT
IN
3dB PAD
3dB PAD
3dB PAD
3dB PAD
RF
RF
AGILENT
11636A
RF
INPUT
Figure 62. General ADL5387 Characterization Setup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com