Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5387ACPZ-R71 Datasheet(PDF) 7 Page - Analog Devices

Part # ADL5387ACPZ-R71
Description  50 MHz to 2 GHz Quadrature Demodulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5387ACPZ-R71 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADL5387ACPZ-R71 Datasheet HTML 3Page - Analog Devices ADL5387ACPZ-R71 Datasheet HTML 4Page - Analog Devices ADL5387ACPZ-R71 Datasheet HTML 5Page - Analog Devices ADL5387ACPZ-R71 Datasheet HTML 6Page - Analog Devices ADL5387ACPZ-R71 Datasheet HTML 7Page - Analog Devices ADL5387ACPZ-R71 Datasheet HTML 8Page - Analog Devices ADL5387ACPZ-R71 Datasheet HTML 9Page - Analog Devices ADL5387ACPZ-R71 Datasheet HTML 10Page - Analog Devices ADL5387ACPZ-R71 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
ADL5387
Rev. 0 | Page 7 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
VS = 5 V, TA = 25°C, LO drive level = 0 dBm, RBIAS = open, unless otherwise noted.
20
15
10
5
0
0
200
400
600
800 1000 1200 1400 1600 1800 2000
RF FREQUENCY (MHz)
GAIN
INPUT P1dB
TA = +85°C
TA = +25°C
TA = –40°C
Figure 3. Conversion Gain and Input 1 dB Compression Point (IP1dB) vs.
RF Frequency
80
70
50
30
60
40
20
10
0
200
400
600
800 1000 1200 1400 1600 1800 2000
RF FREQUENCY (MHz)
TA = –40°C
TA = +25°C
TA = +85°C
Q CHANNEL
I CHANNEL
INPUT IP3
(I AND Q CHANNELS)
INPUT IP2
Figure 4. Input Third-Order Intercept (IIP3) and
Input Second-Order Intercept Point (IIP2) vs. RF Frequency
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
0
200
400
600
800 1000 1200 1400 1600 1800 2000
RF FREQUENCY (MHz)
TA = +85°C
TA = +25°C
TA = –40°C
Figure 5. I/Q Gain Mismatch vs. RF Frequency
5
–30
–25
–20
–15
–10
–5
0
1
1000
100
10
BB FREQUENCY (MHz)
NORMALIZED TO 1MHz
Figure 6. Normalized I/Q Baseband Frequency Response
19
17
15
13
11
9
7
0
200
400
600
800 1000 1200 1400 1600 1800 2000
RF FREQUENCY (MHz)
TA = +85°C
TA = +25°C
TA = –40°C
Figure 7. Noise Figure vs. RF Frequency
4
3
2
1
0
–1
–2
–3
–4
0
200
400
600
800 1000 1200 1400 1600 1800 2000
RF FREQUENCY (MHz)
TA = +85°C
TA = +25°C
TA = –40°C
Figure 8. I/Q Quadrature Phase Error vs. RF Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com