Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HF88M02 Datasheet(PDF) 4 Page - King blillion Electronics Co.,Ltd.

Part # HF88M02
Description  256K x 8 bit Mask ROM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

HF88M02 Datasheet(HTML) 4 Page - King blillion Electronics Co.,Ltd.

  HF88M02 Datasheet HTML 1Page - King blillion Electronics Co.,Ltd. HF88M02 Datasheet HTML 2Page - King blillion Electronics Co.,Ltd. HF88M02 Datasheet HTML 3Page - King blillion Electronics Co.,Ltd. HF88M02 Datasheet HTML 4Page - King blillion Electronics Co.,Ltd. HF88M02 Datasheet HTML 5Page - King blillion Electronics Co.,Ltd. HF88M02 Datasheet HTML 6Page - King blillion Electronics Co.,Ltd. HF88M02 Datasheet HTML 7Page - King blillion Electronics Co.,Ltd. HF88M02 Datasheet HTML 8Page - King blillion Electronics Co.,Ltd. HF88M02 Datasheet HTML 9Page - King blillion Electronics Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
King Billion Electronics Co., Ltd
駿
億
電
子
股
份
有
限
公
司
HF88M02
January 16, 2004
Page 4 of 19
V1.11
This specification is subject to change without notice. Please contact sales person for the latest version before use.
4 Pin Description
HF88M02-PLCC32
11
2
9
8
7
6
5
29
28
24
27
23
25
13
21
22
12
26
P01
P02
P03
P04
P05
P06
P07
P16
P15
OE
P10
P12
P13
D0
D7
CE
P00
P11
Symbol
Pin No. I/O
Description
VDD
32
P Positive power supply input pin.
VSS
16
P Gound pin.
CEn
22
I
The CEn (Chip Enable) input is the device selection and power control for
internal Mask ROM array. Whenever CEn goes high, the internal Mask
ROM will enter standby (power saving) mode and accesses to internal
registers are inhibited. Otherwise, it is in active mode and the contents of
the ROM and registers can be accessed. Please note that only accesses to
the internal registers are inhibited, but the status of I/O registers are not
affected by the CEn pin and will remain unchanged. CEn is also useful to
uniquely select a certain device for applications where multiple-chip array is
required.
WEn
1
I
WEn controls writing to internal registers such as the Output Port Registers,
Direction Registers, Address Counter and Data on D7 ~ D0 are latched on
the rising edge of the WE pulse. The WEn (Write Enable) input is internally
pulled-up to VDD to prevent pin floating. So this pin should stay at ‘1’
state when inactive to prevent unintended current consumption.
OEn
24
I
OEn (Output Enable) is the output control which gates ROM array data,
expansion I/O ports, Direction Registers to the data I/O pins D7 ~ D0. The
internal Address Counter will automatically increment by one with each
rising edge of OEn pin in Sequentially Read mode.
RS2~RS0
I
Register Select pins RS2 ~ RS0 for accessing ROM data, Address Counter,
as well as expansion I/O ports. The RS2 (Register Select) input is internally
pulled-down to Ground. So this pin should stay at ‘0’ state when inactive to
prevent unintended current drain.
P17 ~ P10
I/O Bi-directional I/O port P1.
P07 ~ P00
I/O Bi-directional I/O port P0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com