Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HF88M02 Datasheet(PDF) 5 Page - King blillion Electronics Co.,Ltd.

Part # HF88M02
Description  256K x 8 bit Mask ROM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

HF88M02 Datasheet(HTML) 5 Page - King blillion Electronics Co.,Ltd.

  HF88M02 Datasheet HTML 1Page - King blillion Electronics Co.,Ltd. HF88M02 Datasheet HTML 2Page - King blillion Electronics Co.,Ltd. HF88M02 Datasheet HTML 3Page - King blillion Electronics Co.,Ltd. HF88M02 Datasheet HTML 4Page - King blillion Electronics Co.,Ltd. HF88M02 Datasheet HTML 5Page - King blillion Electronics Co.,Ltd. HF88M02 Datasheet HTML 6Page - King blillion Electronics Co.,Ltd. HF88M02 Datasheet HTML 7Page - King blillion Electronics Co.,Ltd. HF88M02 Datasheet HTML 8Page - King blillion Electronics Co.,Ltd. HF88M02 Datasheet HTML 9Page - King blillion Electronics Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
King Billion Electronics Co., Ltd
駿
億
電
子
股
份
有
限
公
司
HF88M02
January 16, 2004
Page 5 of 19
V1.11
This specification is subject to change without notice. Please contact sales person for the latest version before use.
Symbol
Pin No. I/O
Description
D7 ~ D0
21 ~ 17,
15 ~13
IO The Bi-directional Data I/O pins are used to input Starting Address, setting
the Expansion I/O direction and Output Registers, and to output ROM array
data during read operations, contents of I/O Registers and status of input
pins. The D7 ~ D7 float to high-impedance when the chip is deselected (CEn
high) or when the outputs are disabled.
5 Pad Location
VSS
D6
RS0
P00
D1
D5
CEN
P04
NC
WEN
P05
D3
D0
VDD
D4
P12
P01
P10
P16
P06
P14
OEN
P07
VDD
VSS
P17
P15
NC
P11
P03
RS1
RS2
D2
P13
NC
VDD
P02
D7
NC
NC
VSS
Die Size: X= 3110 µm, Y=2170 µm, and substrate is connected to GND.
Pad No.
Pin Name X Coord.e Y Coord.
Pad No.
Pin Name X Coord.
Y Coord.
1
P07
108.33
1931.75
22
P12
2975.87
382.79
2
P06
108.33
1744.31
23
OEN
2975.87
522.79
3
P05
108.33
1557.03
24
NC
2978.86
875.14
4
P04
108.33
1369.59
25
NC
2978.86
1035.14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com