Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HF88M02 Datasheet(PDF) 11 Page - King blillion Electronics Co.,Ltd.

Part # HF88M02
Description  256K x 8 bit Mask ROM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

HF88M02 Datasheet(HTML) 11 Page - King blillion Electronics Co.,Ltd.

Back Button HF88M02 Datasheet HTML 7Page - King blillion Electronics Co.,Ltd. HF88M02 Datasheet HTML 8Page - King blillion Electronics Co.,Ltd. HF88M02 Datasheet HTML 9Page - King blillion Electronics Co.,Ltd. HF88M02 Datasheet HTML 10Page - King blillion Electronics Co.,Ltd. HF88M02 Datasheet HTML 11Page - King blillion Electronics Co.,Ltd. HF88M02 Datasheet HTML 12Page - King blillion Electronics Co.,Ltd. HF88M02 Datasheet HTML 13Page - King blillion Electronics Co.,Ltd. HF88M02 Datasheet HTML 14Page - King blillion Electronics Co.,Ltd. HF88M02 Datasheet HTML 15Page - King blillion Electronics Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
King Billion Electronics Co., Ltd
駿
億
電
子
股
份
有
限
公
司
HF88M02
January 16, 2004
Page 11 of 19
V1.11
This specification is subject to change without notice. Please contact sales person for the latest version before use.
7.1 Data File Read Cycle
CEn
WEn
OEn
RS[2:0]
D[7:0]
Internal
Memory
Address
AC0
AC1
AC2
34
56
07
Internal
Memory
Data
xxxx34
xx5634
075634
1E
ZZ
ZZ
3C
ZZ
78
ZZ
1E
ZZ
3C
ZZ
78
ZZ
075635
075636
075637
RS2=0, RS1 and RS0 can be any value.
Data File Read Cycle
t
ACE
t
CE
t
WEL
t
WEH
t
DHeld
t
OLZ
t
OEL
t
OEH
t
CEHeld
t
RCEL
t
RCEH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com