Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HF88M02 Datasheet(PDF) 1 Page - King blillion Electronics Co.,Ltd.

Part # HF88M02
Description  256K x 8 bit Mask ROM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

HF88M02 Datasheet(HTML) 1 Page - King blillion Electronics Co.,Ltd.

  HF88M02 Datasheet HTML 1Page - King blillion Electronics Co.,Ltd. HF88M02 Datasheet HTML 2Page - King blillion Electronics Co.,Ltd. HF88M02 Datasheet HTML 3Page - King blillion Electronics Co.,Ltd. HF88M02 Datasheet HTML 4Page - King blillion Electronics Co.,Ltd. HF88M02 Datasheet HTML 5Page - King blillion Electronics Co.,Ltd. HF88M02 Datasheet HTML 6Page - King blillion Electronics Co.,Ltd. HF88M02 Datasheet HTML 7Page - King blillion Electronics Co.,Ltd. HF88M02 Datasheet HTML 8Page - King blillion Electronics Co.,Ltd. HF88M02 Datasheet HTML 9Page - King blillion Electronics Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
King Billion Electronics Co., Ltd
駿
億
電
子
股
份
有
限
公
司
HF88M02
January 16, 2004
Page 1 of 19
V1.11
This specification is subject to change without notice. Please contact sales person for the latest version before use.
- Table of Contents -
1
Function Description______________________________________________________________2
2
Features ________________________________________________________________________2
3
Functional block diagram __________________________________________________________3
4
Pin Description __________________________________________________________________4
5
Pad Location ____________________________________________________________________5
6
Device Operation _________________________________________________________________6
6.1
Retrieve data in Data File ____________________________________________________________8
6.2
Loading the Address Counter _________________________________________________________8
6.3
Sequential Read Mode and Auto Increment of Address Counter ____________________________9
6.4
Output data to External I/O __________________________________________________________9
6.5
Reading Input pin status _____________________________________________________________9
6.6
Retrieving the Contents of Expansion I/O registers ______________________________________10
7
Timing Diagrams ________________________________________________________________10
7.1
Data File Read Cycle _______________________________________________________________11
7.2
Interrupted by I/O when Loading Address Counter______________________________________12
7.3
Setting and Reading the I/O Mode for P0 and P1 ________________________________________13
7.4
Reading P0 and P1 in Mixed-I/O Mode ________________________________________________14
7.5
Reading the input pins ______________________________________________________________15
7.6
Output to P0 and P1 Ports___________________________________________________________16
8
Absolute Maximum Rating ________________________________________________________16
9
AC Electrical Characteristics ______________________________________________________16
10
DC Electrical Characteristics ____________________________________________________17
11 Application Circuit Diagram _______________________________________________________17
12
Updated History _______________________________________________________________19


Similar Part No. - HF88M02

ManufacturerPart #DatasheetDescription
logo
King blillion Electroni...
HF88M04 KB-HF88M04 Datasheet
309Kb / 19P
512K x 8 bit Mask ROM
HF88M08 KB-HF88M08 Datasheet
308Kb / 19P
512K x 8 bit Mask ROM
More results

Similar Description - HF88M02

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM531601D OKI-MSM531601D Datasheet
246Kb / 4P
2,097,152-Word x 8-Bit Mask ROM
logo
Macronix International
MX23C4100 MCNIX-MX23C4100 Datasheet
322Kb / 8P
4M-BIT [512K x 8/256K x 16] MASK ROM
logo
List of Unclassifed Man...
MX23C4096 ETC-MX23C4096 Datasheet
53Kb / 6P
4M-BIT [256K x 16] CMOS MASK ROM
logo
Macronix International
MX23C2100 MCNIX-MX23C2100 Datasheet
52Kb / 7P
2M-BIT 256K x 8/128K x 16 CMOS MASK ROM
logo
OKI electronic componet...
MSM532001B OKI-MSM532001B Datasheet
118Kb / 4P
262,144-Word x 8-Bit Mask ROM
logo
AMIC Technology
A23L8316 AMICC-A23L8316 Datasheet
221Kb / 12P
256K X 16 / 512K X 8 BIT CMOS MASK ROM
logo
Toshiba Semiconductor
TC53257P TOSHIBA-TC53257P Datasheet
189Kb / 4P
256K BIT (32K WORD x 8 BIT) CMOS MASK ROM SILICON GATE MOS
TMM23256P TOSHIBA-TMM23256P Datasheet
262Kb / 6P
256K BIT(32K WORD x 8 BIT) MASK ROM N-CHANNEL SILICON GATE
logo
King blillion Electroni...
HF88M08 KB-HF88M08 Datasheet
308Kb / 19P
512K x 8 bit Mask ROM
HF88M04 KB-HF88M04 Datasheet
309Kb / 19P
512K x 8 bit Mask ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com