Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HF88M02 Datasheet(PDF) 6 Page - King blillion Electronics Co.,Ltd.

Part # HF88M02
Description  256K x 8 bit Mask ROM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

HF88M02 Datasheet(HTML) 6 Page - King blillion Electronics Co.,Ltd.

Back Button HF88M02 Datasheet HTML 2Page - King blillion Electronics Co.,Ltd. HF88M02 Datasheet HTML 3Page - King blillion Electronics Co.,Ltd. HF88M02 Datasheet HTML 4Page - King blillion Electronics Co.,Ltd. HF88M02 Datasheet HTML 5Page - King blillion Electronics Co.,Ltd. HF88M02 Datasheet HTML 6Page - King blillion Electronics Co.,Ltd. HF88M02 Datasheet HTML 7Page - King blillion Electronics Co.,Ltd. HF88M02 Datasheet HTML 8Page - King blillion Electronics Co.,Ltd. HF88M02 Datasheet HTML 9Page - King blillion Electronics Co.,Ltd. HF88M02 Datasheet HTML 10Page - King blillion Electronics Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
King Billion Electronics Co., Ltd
駿
億
電
子
股
份
有
限
公
司
HF88M02
January 16, 2004
Page 6 of 19
V1.11
This specification is subject to change without notice. Please contact sales person for the latest version before use.
Pad No.
Pin Name X Coord.e Y Coord.
Pad No.
Pin Name X Coord.
Y Coord.
5
P03
108.33
1182.31
26
NC
2978.86
1195.14
6
P02
108.33
994.87
27
NC
2978.86
1355.14
7
P01
108.33
807.59
28
P13
2978.87
1495.14
8
P00
108.33
620.15
29
P11
2978.87
1635.14
9
NC
108.33
432.98
30
P10
2978.87
1775.14
10
D0
108.33
171.72
31
P15
2978.87
1915.14
11
D1
525.97
101.14
32
P16
2978.87
2055.13
12
D2
713.13
101.14
33
RS1
2237.66
2066.92
13
GND
1077.39
125.28
34
RS2
2050.22
2066.92
14
GND
1267.83
125.48
35
VDD
1708.76
2013.72
15
GND
1651.38
105.09
36
VDD
1534.34
2013.72
16
D3
1814.02
106.14
37
VDD
1359.92
2013.72
17
D4
2001.18
106.14
38
WEN
1159.22
2052.30
18
D5
2188.62
106.14
39
RS0
971.19
2052.30
19
D6
2375.78
106.14
40
P17
625.57
2052.30
20
D7
2975.87
103.39
41
P14
438.13
2052.30
21
CEN
2975.87
242.79
6 Device Operation
The device provides the capability of accessing the contents of ROM array by external MCU not through
standard address and data bus configuration but through minimal number of 8-bit data bus and control
pins. Only 11 pins D7 ~ D0, CEn, OEn, WEn are required to use the device as a Data File device. By
fixing the RS2 to ‘0’, only CEn, WEn, OEn and D0 ~ D7 are required to access the ROM array data.
The CEn pin is device selection pin to uniquely select one device when more than one device are used in
parallel and control the access to Mask ROM contents and internal registers. Whenever CEn goes high,
the internal Mask ROM will enter standby (power saving) mode and accesses to internal registers are
inhibited. Otherwise, it is in active mode. Therefore, when accessing contents of ROM is not intended,
CEn should stay at ‘1’ to conserve the power.
In addition to Data File mode, the device also provide the expansion I/O capability. Two ports of I/O
pins (8 bit each) are provided.
The I/O ports can be configured to function as output pin or
high-impedance input pins. Only 14 pins, CEn, WEn, OEn, RS2, RS1 and D0 ~ D7 are required to
provide the Data File function and full access to two I/O ports.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com