Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HF88M02 Datasheet(PDF) 10 Page - King blillion Electronics Co.,Ltd.

Part # HF88M02
Description  256K x 8 bit Mask ROM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

HF88M02 Datasheet(HTML) 10 Page - King blillion Electronics Co.,Ltd.

Back Button HF88M02 Datasheet HTML 6Page - King blillion Electronics Co.,Ltd. HF88M02 Datasheet HTML 7Page - King blillion Electronics Co.,Ltd. HF88M02 Datasheet HTML 8Page - King blillion Electronics Co.,Ltd. HF88M02 Datasheet HTML 9Page - King blillion Electronics Co.,Ltd. HF88M02 Datasheet HTML 10Page - King blillion Electronics Co.,Ltd. HF88M02 Datasheet HTML 11Page - King blillion Electronics Co.,Ltd. HF88M02 Datasheet HTML 12Page - King blillion Electronics Co.,Ltd. HF88M02 Datasheet HTML 13Page - King blillion Electronics Co.,Ltd. HF88M02 Datasheet HTML 14Page - King blillion Electronics Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
King Billion Electronics Co., Ltd
駿
億
電
子
股
份
有
限
公
司
HF88M02
January 16, 2004
Page 10 of 19
V1.11
This specification is subject to change without notice. Please contact sales person for the latest version before use.
6.6 Retrieving the Contents of Expansion I/O registers
The contents of all four registers can be read through data bus. The ability to access the contents of
registers avoids the necessity of using the RAM as mirror to keep the current status of latches in
applications. However, extra care should be taken when reading P0 and P1. To read the contents of P0
and P1, the DIR0 and DIR1 should be set to output mode. Otherwise, the pin status instead of P0 and P1
will be read. The same precaution should be applied in Read-Modify-Write sequence that read back the
contents of the output registers of output mode pins and input status of input mode pins.
7 Timing Diagrams
Symbol
Parameter
Min.
Typ.
Max.
Unit
TCE
Chip selected to active width
0
50
-
ns
TWEL
WEn active low width
100
-
-
ns
TWEH
WEn inactive low width
100
-
-
ns
TDHeld
Written data hold time
50
-
-
ns
TOLZ
Read-Write mode transient time
200
-
-
ns
TACE
ROM data file available time
50
-
-
ns
TOEL
Output enable low duty for access ROM
250
-
-
ns
TOEH
Output enable low duty for access ROM
150
-
-
ns
TCEHeld Chip selection signal holding time
50
-
-
ns
TACER
Register data available time
30
-
-
ns
TORL
Output enable low duty for access register
100
-
-
ns
TORH
Output enable low duty for access register
100
-
-
ns
TRCEL
RS signal setup time
50
-
-
ns
TRCEH
RS signal hold time
50
-
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com