Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HF88M02 Datasheet(PDF) 2 Page - King blillion Electronics Co.,Ltd.

Part # HF88M02
Description  256K x 8 bit Mask ROM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

HF88M02 Datasheet(HTML) 2 Page - King blillion Electronics Co.,Ltd.

  HF88M02 Datasheet HTML 1Page - King blillion Electronics Co.,Ltd. HF88M02 Datasheet HTML 2Page - King blillion Electronics Co.,Ltd. HF88M02 Datasheet HTML 3Page - King blillion Electronics Co.,Ltd. HF88M02 Datasheet HTML 4Page - King blillion Electronics Co.,Ltd. HF88M02 Datasheet HTML 5Page - King blillion Electronics Co.,Ltd. HF88M02 Datasheet HTML 6Page - King blillion Electronics Co.,Ltd. HF88M02 Datasheet HTML 7Page - King blillion Electronics Co.,Ltd. HF88M02 Datasheet HTML 8Page - King blillion Electronics Co.,Ltd. HF88M02 Datasheet HTML 9Page - King blillion Electronics Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
King Billion Electronics Co., Ltd
駿
億
電
子
股
份
有
限
公
司
HF88M02
January 16, 2004
Page 2 of 19
V1.11
This specification is subject to change without notice. Please contact sales person for the latest version before use.
1 Function Description
The HF88M02 is a command interfaced 256K x 8 bit Mask ROM. It features command mode interface
with external CPU or MCU. In other words, it uses only 8-bit data bus and a few additional control pins
to load addresses and provide the ROM access as well as expansion I/O ports capability. This design not
only reduces pin count required to access data in ROM dramatically but also allows for systems
expansion to higher capacity memories while using the existing board design. The application areas
include voice, graphic, data storage in consumer product.
2 Features
Data File Mode with only 11 pin interface
Sixteen-bit Expansion I/O pins with three-state mode
Voltage range 2.4V ~ 5.5V
Organization
-
Memory Cell Array: 256K x 8
Sequential Read Operation in Data File Operation Mode
-
Sequential Access : 120ns (min.) at VDD = 5.0V
Command/Address/Data Multiplexed I/O port
Low Operation Current (Typical)
-
10
µA Standby mode Current
-
10mA Active Read Current
Package bare chip, PLCC32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com