Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HF88M02 Datasheet(PDF) 17 Page - King blillion Electronics Co.,Ltd.

Part # HF88M02
Description  256K x 8 bit Mask ROM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

HF88M02 Datasheet(HTML) 17 Page - King blillion Electronics Co.,Ltd.

Back Button HF88M02 Datasheet HTML 11Page - King blillion Electronics Co.,Ltd. HF88M02 Datasheet HTML 12Page - King blillion Electronics Co.,Ltd. HF88M02 Datasheet HTML 13Page - King blillion Electronics Co.,Ltd. HF88M02 Datasheet HTML 14Page - King blillion Electronics Co.,Ltd. HF88M02 Datasheet HTML 15Page - King blillion Electronics Co.,Ltd. HF88M02 Datasheet HTML 16Page - King blillion Electronics Co.,Ltd. HF88M02 Datasheet HTML 17Page - King blillion Electronics Co.,Ltd. HF88M02 Datasheet HTML 18Page - King blillion Electronics Co.,Ltd. HF88M02 Datasheet HTML 19Page - King blillion Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
King Billion Electronics Co., Ltd
駿
億
電
子
股
份
有
限
公
司
HF88M02
January 16, 2004
Page 17 of 19
V1.11
This specification is subject to change without notice. Please contact sales person for the latest version before use.
access time in this way is specified as tAA. In this device, the Address Access Time decrease
monotonically with increasing voltage, and it is shorter than Chip Enable Access Time when the
Operation Voltage is higher then 4.5 V. Therefore in Vop higher than 4.5 Volts, it is more advisable to
use the Address Access Mode to achieve faster access to ROM data when the power consumption is not a
concern.
Item
Symbol 5.5V 5V 4.5V 3.6V 3.3V 3.0V 2.4V
Unit
Remark
Read Cycle Time
tRC
290
220
170
180
190
220
290
ns
Min
Chip Enable Access Time
tACE
290
220
170
150
170
220
290
ns
Min
Address Access Time
tAA
120
130
150
180
190
210
280
ns
Min
10 DC Electrical Characteristics
(VSS = 0V, VDD = 5.0 V, TOPR = 25°C unless otherwise noted)
Parameter
Symbol
Min.
Typical
Max.
Unit
Condition
Supply Voltage
VDD
2.4
-
5.5
V
Operating Current
IDD
-
10
-
mA
No load
Standby Current
IDD
-
10
-
µA
No load
Input voltage
VIH
VIL
2/3
0
-
-
1
1/3
VDD
VDD = 4V ~ 6V
Input current leakage
IIL
-
-
+/- 10
µA
P0, P1 Output High
Voltage
VOH
2.4
-
-
V
IOH = 0.4 mA
P0, P1 Output Low
Voltage
VOL
-
-
0.4
V
IOL = 2.1 mA
D Output High Voltage
VOH
2.4
-
-
V
IOH = 14 mA
D Output Low Voltage
VOL
-
-
0.4
V
IOL = 3 mA
11 Application Circuit Diagram
This application circuit illustrates that how KB83760 MCU uses two external HF88M02s for ROM
expansion as well as keyboard scan functions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com