Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HF88M02 Datasheet(PDF) 7 Page - King blillion Electronics Co.,Ltd.

Part # HF88M02
Description  256K x 8 bit Mask ROM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

HF88M02 Datasheet(HTML) 7 Page - King blillion Electronics Co.,Ltd.

Back Button HF88M02 Datasheet HTML 3Page - King blillion Electronics Co.,Ltd. HF88M02 Datasheet HTML 4Page - King blillion Electronics Co.,Ltd. HF88M02 Datasheet HTML 5Page - King blillion Electronics Co.,Ltd. HF88M02 Datasheet HTML 6Page - King blillion Electronics Co.,Ltd. HF88M02 Datasheet HTML 7Page - King blillion Electronics Co.,Ltd. HF88M02 Datasheet HTML 8Page - King blillion Electronics Co.,Ltd. HF88M02 Datasheet HTML 9Page - King blillion Electronics Co.,Ltd. HF88M02 Datasheet HTML 10Page - King blillion Electronics Co.,Ltd. HF88M02 Datasheet HTML 11Page - King blillion Electronics Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
King Billion Electronics Co., Ltd
駿
億
電
子
股
份
有
限
公
司
HF88M02
January 16, 2004
Page 7 of 19
V1.11
This specification is subject to change without notice. Please contact sales person for the latest version before use.
DIR00
RS = 100 & OEn = '0'
RS = 101 & OEn = '0'
RS = 111 & OEn = '0'
RS = 110 & OEn = '0'
P00
D0
P10
1
0
QD
QD
P00
DIR00
1
0
Q
D
DIR10
Q
P10
D
There are seven internal registers used to provide the functionality of Data file as well as Expansion I/O
capability. These registers are selected by RS2 ~ RS0. All registers are 8-bit wide except AC2. AC2
~ AC0 are write-only and constitute the complete 19-bit Address Counter used as pointer to the data.
While the P0, P1, DIR0 and DIR1 can be read as well as written. Their initial values are as indicated in
the following table. When RS2 = ‘0’, the RS1 ~ RS0 are ignored, the Address Counter can be loaded or
contents of Data File can be read. This is to reduce the required pin needed for external MCU to
interface with the Device and also simplify the procedure for loading the address counter.
The P0, P1, DIR0, and DIR1 are used for expansion I/O registers. The P0 and P1 are output registers of
Expansion I/O and DIR0 and DIR1 are the Direction Registers that determine the I/O mode of P0 and P1.
Each pin can be configured as output or input mode individually by setting or resetting the corresponding
pin of the DIR registers. Initially, both P0 and P1 are default to input mode at ‘Hi’ state.
The accesses to the internal registers will be inhibited when CEn is ‘1’. However, the status of internal
registers, such as expansion I/O ports, will not be affected. For example, if a certain pin is in output
mode and driving ‘Hi’, it will not change when CEn pin goes to ‘1’ state. Therefore, the users are
advised to take care of the power down condition of I/O ports when entering sleep mode to prevent
unnecessary power drain.
RS2RS1RS0 Symbol
Type
Description
Initial Value
R
Read data by Indirect access
0xx
AC2
W
Address latch 2 for A17 ~ A16
“--------“



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com