Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPSD3422EB40U6 Datasheet(PDF) 59 Page - STMicroelectronics

Part # UPSD3422EB40U6
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6 Datasheet(HTML) 59 Page - STMicroelectronics

Back Button UPSD3422EB40U6 Datasheet HTML 55Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 56Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 57Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 58Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 59Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 60Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 61Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 62Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 293 page
background image
uPSD34xx
MCU clock generation
59/293
14
MCU clock generation
Internal system clocks generated by the clock generation unit are derived from the signal,
XTAL1, shown in Figure 14. XTAL1 has a frequency fOSC, which comes directly from the
external crystal or oscillator device. The SFR named CCON0 (Table 22 on page 62) controls
the clock generation unit.
There are two clock signals produced by the clock generation unit:
●
MCU_CLK
●
PERIPH_CLK
14.1
MCU_CLK
This clock drives the 8032 MCU core and the Watchdog Timer (WDT). The frequency of
MCU_CLK is equal to fOSC by default, but it can be divided by as much as 2048, shown in
Figure 14. The bits CPUPS[2:0] select one of eight different divisors, ranging from 2 to 2048.
The new frequency is available immediately after the CPUPS[2:0] bits are written. The final
frequency of MCU_CLK is fMCU.
MCU_CLK is blocked by either bit, PD or IDL, in the SFR named PCON during MCU Power-
down Mode or Idle Mode respectively.
MCU_CLK clock can be further divided as required for use in the WDT. See details of the
WDT in Section 19: Supervisory functions on page 83.
14.2
PERIPH_CLK
This clock drives all the uPSD34xx peripherals except the WDT. The Frequency of
PERIPH_CLK is always fOSC. Each of the peripherals can independently divide
PERIPH_CLK to scale it appropriately for use.
PERIPH_CLK runs at all times except when blocked by the PD bit in the SFR named PCON
during MCU Power-down Mode.
14.2.1
JTAG Interface Clock
The JTAG interface for ISP and for Debugging uses the externally supplied JTAG clock,
coming in on pin TCK. This means the JTAG ISP interface is always available, and the JTAG
Debug interface is available when enabled, even during MCU Idle mode and Power-down
Mode.
However, since the MCU participates in the JTAG debug process, and MCU_CLK is halted
during Idle and Power-down Modes, the majority of debug functions are not available during
these low power modes. But the JTAG debug interface is capable of executing a reset
command while in these low power modes, which will exit back to normal operating mode
where all debug commands are available again.
The CCON0 SFR contains a bit, DBGCE, which enables the breakpoint comparators inside
the JTAG Debug Unit when set. DBGCE is set by default after reset, and firmware may clear
this bit at run-time. Disabling these comparators will reduce current consumption on the
MCU Module, and it is recommended to do so if the Debug Unit will not be used (such as in
the production version of an end-product).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com