Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPSD3422EB40U6 Datasheet(PDF) 77 Page - STMicroelectronics

Part # UPSD3422EB40U6
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6 Datasheet(HTML) 77 Page - STMicroelectronics

Back Button UPSD3422EB40U6 Datasheet HTML 73Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 74Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 75Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 76Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 77Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 78Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 79Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 80Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 293 page
background image
uPSD34xx
I/O ports of mcu module
77/293
Table 36.
P4SFS0 and P4SFS1 Details
Port 4 Pin
R/W
Default Port Function
Alternate 1 Port
Function
Alternate 2 Port
Function
P4SFS0[i] = 0
P4SFS1[i] = x
P4SFS0[i] = 1
P4SFS1[i] = 0
P4SFS0[i] = 1
P4SFS1[i] = 1
Port 4 Pin, i = 0.. 7
Port 4 Pin, i = 0.. 7
Port 4 Pin, i = 0.. 7
0
R,W
GPIO
PCA0 Module 0, TCM0 Timer 2 Count Input, T2
1
R,W
GPIO
PCA0 Module 1, TCM1
Timer 2 Trigger Input,
TX2
2
R,W
GPIO
PCA0 Module 2, TCM2
UART1 Receive, RXD1
3
R,W
GPIO
PCA0 Ext Clock,
PCACLK0
UART1 Transmit, TXD1
4
R,W
GPIO
PCA1 Module 3, TCM3
SPI Clock, SPICLK
5
R,W
GPIO
PCA1 Module 4, TCM4
SPI Receive, SPIRXD
6
R,W
GPIO
PCA1 Module 5, TCM5
SPI Transmit, SPITXD
7
R,W
GPIO
PCA1 Ext Clock,
PCACLK1
SPI Select, SPISEL_



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com