Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPSD3422EB40U6 Datasheet(PDF) 93 Page - STMicroelectronics

Part # UPSD3422EB40U6
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6 Datasheet(HTML) 93 Page - STMicroelectronics

Back Button UPSD3422EB40U6 Datasheet HTML 89Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 90Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 91Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 92Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 93Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 94Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 95Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 96Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 97Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 293 page
background image
uPSD34xx
Standard 8032 timer/counters
93/293
Table 43.
T2CON: Timer 2 control register (SFR C8h, reset value 00h)
Note:
1
The RCLK1 and TCLK1 Bits in the SFR named PCON control UART1, and have the exact
same function as RCLK and TCLK.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
TF2
EXF2
RCLK
TCLK
EXEN2
TR2
C/T2
CP/RL2
Bit
Symbol
R/W
Definition
7TF2
R,W
Timer 2 flag, causes interrupt if enabled.
TF2 is set by hardware upon overflow. Must be cleared by
firmware. TF2 will not be set when either RCLK or TCLK =1.
6
EXF2
R,W
Timer 2 flag, causes interrupt if enabled.
EXF2 is set when a capture or reload is caused by a negative
transition on T2X pin and EXEN2 = 1. EXF2 must be cleared
by firmware.
5
RCLK(1)
R,W
UART0 Receive Clock control.
When RCLK = 1, UART0 uses Timer 2 overflow pulses for its
receive clock in Modes 1 and 3. RCLK=0, Timer 1 overflow is
used for its receive clock
4TCLK(1)
R,W
UART0 Transmit Clock control.
When TCLK = 1, UART0 uses Timer 2 overflow pulses for its
transmit clock in Modes 1 and 3. TCLK=0, Timer 1 overflow is
used for transmit clock
3
EXEN2
R,W
Timer 2 External Enable.
When EXEN2 = 1, capture or reload results when negative
edge on pin T2X occurs. EXEN2 = 0 causes Timer 2 to ignore
events at pin T2X.
2
TR2
R,W
Timer 2 run control.
1 = Timer/Counter 2 is on, 0 = Timer Counter 2 is off.
1C/T2
R,W
Counter or Timer function select.
When C/T2 = 0, function is timer, clocked by internal clock.
When C/T2 = 1, function is counter, clocked by signal sampled
on external pin, T2.
0CP/RL2
R,W
Capture/Reload.
When CP/RL2 = 1, capture occurs on negative transition at pin
T2X if EXEN2 = 1. When CP/RL2 = 0, auto-reload occurs
when Timer 2 overflows, or on negative transition at pin T2X
when EXEN2=1. When RCLK = 1 or TCLK = 1, CP/RL2 is
ignored, and Timer 2 is forced to auto-reload upon Timer 2
overflow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com