Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPSD3422EB40U6 Datasheet(PDF) 80 Page - STMicroelectronics

Part # UPSD3422EB40U6
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6 Datasheet(HTML) 80 Page - STMicroelectronics

Back Button UPSD3422EB40U6 Datasheet HTML 76Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 77Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 78Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 79Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 80Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 81Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 82Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 83Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 84Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 293 page
background image
MCU bus interface
uPSD34xx
80/293
It is not possible to specify in the BUSCON Register a different number of MCU_CLK
periods for various address ranges. For example, the user cannot specify 4 MCU_CLK
periods for RD read cycles to one address range on the PSD Module, and 5 MCU_CLK
periods for RD read cycles to a different address range on an external device. However, the
user can specify one number of clock periods for PSEN read cycles and a different number
of clock periods for RD or WR cycles (see Figure 22 on page 80).
18.5
Controlling the PFQ and BC
The BUSCON Register allows firmware to enable and disable the PFQ and BC at run-time.
Sometimes it may be desired to disable the PFQ and BC to ensure deterministic execution.
The dynamic action of the PFQ and BC may cause varying program execution times
depending on the events that happen prior to a particular section of code of interest. For this
reason, it is not recommended to implement timing loops in firmware, but instead use one of
the many hardware timers in the uPSD34xx. By default, the PFQ and BC are enabled after a
reset condition.
Important note: Disabling the PFQ or BC will seriously reduce MCU performance.
Figure 22.
A RD or PSEN bus cycle set to 5 MCU_CLK
Note:
1
The PSEN cycle is 16-bit, while the RD cycle is 8-bit only.
2
A PSEN bus cycle in progress may be aborted before completion if the PFQ and Branch
Cache (BC) determines the current code fetch cycle is not needed.
3
Whenever the same number of MCU_CLK periods is specified in BUSCON for both PSEN
and RD cycles, the bus cycle timing is typically identical for each of these types of bus
cycles. In this case, the only time PSEN read cycles are longer than RD read cycles is when
the PFQ issues a stall while reloading. PFQ stalls do not affect RD read cycles. By
comparison, in many traditional 8051 architectures, RD bus cycles are always longer than
PSEN bus cycles.
A0-A15
MCU Clock
ALE
AD0-AD15
1
2
3
4
5
D0-D15
(1)
5-Clock Bus Cycle
RD/PSEN
(2,3)
AI10436



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com