Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPSD3422EB40U6 Datasheet(PDF) 73 Page - STMicroelectronics

Part # UPSD3422EB40U6
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6 Datasheet(HTML) 73 Page - STMicroelectronics

Back Button UPSD3422EB40U6 Datasheet HTML 69Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 70Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 71Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 72Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 73Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 74Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 75Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 76Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 293 page
background image
uPSD34xx
I/O ports of mcu module
73/293
Table 27.
P1: I/O port 1 register (SFR 90h, reset value FFh)
Note:
1
Write '1' or '0' for pin output. Read for pin input, but prior to READ, this bit must have been
set to '1' by firmware or by a reset event.
Table 28.
P3: I/O Port 3 Register (SFR B0h, reset value FFh)
Note:
1
Write '1' or '0' for pin output. Read for pin input, but prior to READ, this bit must have been
set to '1' by firmware or by a reset event.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
P1.7
P1.6
P1.5
P1.4
P1.3
P1.2
P1.1
P1.0
Bit
Symbol
R/W
Function(1)
7
P1.7
R,W
Port pin 1.7
6
P1.6
R,W
Port pin 1.6
5
P1.5
R,W
Port pin 1.5
4
P1.4
R,W
Port pin 1.4
3
P1.3
R,W
Port pin 1.3
2
P1.2
R,W
Port pin 1.2
1
P1.1
R,W
Port pin 1.1
0
P1.0
R,W
Port pin 1.0
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
P3.7
P3.6
P3.5
P3.4
P3.3
P3.2
P3.1
P3.0
Bit
Symbol
R/W
Function(1)
7
P3.7
R,W
Port pin 3.7
6
P3.6
R,W
Port pin 3.6
5
P3.5
R,W
Port pin 3.5
4
P3.4
R,W
Port pin 3.4
3
P3.3
R,W
Port pin 3.3
2
P3.2
R,W
Port pin 3.2
1
P3.1
R,W
Port pin 3.1
0
P3.0
R,W
Port pin 3.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com