Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPSD3422EB40U6 Datasheet(PDF) 66 Page - STMicroelectronics

Part # UPSD3422EB40U6
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6 Datasheet(HTML) 66 Page - STMicroelectronics

Back Button UPSD3422EB40U6 Datasheet HTML 62Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 63Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 64Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 65Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 66Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 67Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 68Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 69Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 293 page
background image
Power saving modes
uPSD34xx
66/293
Table 26.
PCON: Power Control Register (SFR 87h, reset value 00h)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
SMOD0
SMOD1
–
POR
RCLK1
TCLK1
PD
IDL
Bit
Symbol
R/W
Function
7
SMOD0
R,W
Baud Rate Double Bit (UART0)
0 = No Doubling
1 = Doubling
(See Section 21.3: UART baud rates on page 102 for details.)
6
SMOD1
R,W
Baud Rate Double Bit for 2nd UART (UART1)
0 = No Doubling
1 = Doubling
(See Section 21.3: UART baud rates on page 102 for details.)
5
–
–
Reserved
4POR
R,W
Only a power-on reset sets this bit (cold reset). Warm reset
will not set this bit.
0 = Cleared to zero with firmware
1 = Is set only by a power-on reset generated by Supervisory
circuit (see Section 19.3: Power-up reset on page 84 for
details).
3
RCLK1
R,W
Received Clock Flag (UART1)
(See Table 43 on page 93 for flag description.)
2
TCLK1
R,W
Transmit Clock Flag (UART1)
(See Table 43 on page 93 for flag description)
1PD
R,W
Activate Power-down Mode
0 = Not in Power-down Mode
1 = Enter Power-down Mode
0
IDL
R,W
Activate Idle Mode
0 = Not in Idle Mode
1 = Enter Idle Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com