Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPSD3422EB40U6 Datasheet(PDF) 95 Page - STMicroelectronics

Part # UPSD3422EB40U6
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6 Datasheet(HTML) 95 Page - STMicroelectronics

Back Button UPSD3422EB40U6 Datasheet HTML 91Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 92Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 93Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 94Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 95Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 96Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 97Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 98Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 99Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 293 page
background image
uPSD34xx
Standard 8032 timer/counters
95/293
The timer can be configured for either “timer” or “counter” operation. In the most typical
applications, it is configured for “timer” operation (C/T2 = 0). “Timer” operation is a little
different for Timer 2 when it's being used as a baud rate generator. In this case, the baud
rate is given by the formula:
UART Mode 1,3 Baud Rate =fOSC/(32 x [65536 – [RCAP2H, RCAP2L]))
where [RCAP2H, RCAP2L] is the content of the SFRs RCAP2H and RCAP2L taken as a
16-bit unsigned integer.
A roll-over in TH2 does not set TF2, and will not generate an interrupt. Therefore, the Timer
Interrupt does not have to be disabled when Timer 2 is in the Baud Rate Generator Mode.
If EXEN2 is set, a 1-to-0 transition on pin T2X will set the Timer 2 interrupt flag EXF2, but
will not cause a reload from RCAP2H and RCAP2L to TH2 and TL2. Thus when Timer 2 is
in use as a baud rate generator, the pin T2X can be used as an extra external interrupt, if
desired.
When Timer 2 is running (TR2 = 1) in a “timer” function in the Baud Rate Generator Mode,
firmware should not read or write TH2 or TL2. Under these conditions the results of a read
or write may not be accurate. However, SFRs RCAP2H and RCAP2L may be read, but
should not be written, because a write might overlap a reload and cause write and/or reload
errors. Timer 2 should be turned off (clear TR2) before accessing Timer 2 or Registers
RCAP2H and RCAP2L, in this case.
Table 45 on page 96 shows commonly used baud rates and how they can be obtained from
Timer 2, with T2CON = 34h.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com