Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPSD3422EB40U6 Datasheet(PDF) 96 Page - STMicroelectronics

Part # UPSD3422EB40U6
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6 Datasheet(HTML) 96 Page - STMicroelectronics

Back Button UPSD3422EB40U6 Datasheet HTML 92Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 93Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 94Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 95Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 96Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 97Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 98Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 99Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 100Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 293 page
background image
Standard 8032 timer/counters
uPSD34xx
96/293
Table 45.
Commonly used baud rates generated from timer2 (T2CON = 34h)
fOSC MHz
Desired
Baud Rate
Timer 2 SFRs
Resulting
Baud Rate
Baud Rate
Deviation
RCAP2H (hex)
RCAP2L(hex)
40.0
115200
FF
F5
113636
-1.36%
40.0
57600
FF
EA
56818
-1.36%
40.0
28800
FF
D5
29070
0.94%
40.0
19200
FF
BF
19231
0.16%
40.0
9600
FF
7E
9615
0.16%
36.864
115200
FF
F6
115200
0
36.864
57600
FF
EC
57600
0
36.864
28800
FF
D8
28800
0
36.864
19200
FF
C4
19200
0
36.864
9600
FF
88
9600
0
36.0
28800
FF
D9
28846
0.16%
36.0
19200
FF
C5
19067
-0.69%
36.0
9600
FF
8B
9615
0.16%
24.0
57600
FF
F3
57692
0.16%
24.0
28800
FF
E6
28846
0.16%
24.0
19200
FF
D9
19231
0.16%
24.0
9600
FF
B2
9615
0.16%
12.0
28800
FF
F3
28846
0.16%
12.0
9600
FF
D9
9615
0.16%
11.0592
115200
FF
FD
115200
0
11.0592
57600
FF
FA
57600
0
11.0592
28800
FF
F4
28800
0
11.0592
19200
FF
EE
19200
0
11.0592
9600
FF
DC
9600
0
3.6864
115200
FF
FF
115200
0
3.6864
57600
FF
FE
57600
0
3.6864
28800
FF
FC
28800
0
3.6864
19200
FF
FA
19200
0
3.6864
9600
FF
F4
9600
0
1.8432
19200
FF
FD
19200
0
1.8432
9600
FF
FA
9600
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com