Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPSD3422EB40U6 Datasheet(PDF) 25 Page - STMicroelectronics

Part # UPSD3422EB40U6
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button UPSD3422EB40U6 Datasheet HTML 21Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 22Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 23Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 24Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 25Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 26Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 27Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 28Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 293 page
background image
uPSD34xx
8032 MCU core performance enhancements
25/293
four MCU clocks). But it is also important to understand PFQ operation on multi-cycle
instructions.
5.2
PFQ example, multi-cycle instructions
Let us look at a string of two-byte, two-cycle instructions in Figure 9 on page 25. There are
three instructions executed sequentially in this example, instructions A, B, and C. Each of
the time divisions in the figure is one machine-cycle of four clocks, and there are six phases
to reference in this discussion. Each instruction is pre-fetched into the PFQ in advance of
execution by the MCU. Prior to Phase 1, the PFQ has pre-fetched the two instruction bytes
(A1 and A2) of Instruction A. During Phase one, both bytes are loaded into the MCU
execution unit. Also in Phase 1, the PFQ is pre-fetching Instruction B (bytes B1 and B2) from
program memory. In Phase 2, the MCU is processing Instruction A internally while the PFQ
is pre-fetching Instruction C. In Phase 3, both bytes of instruction B are loaded into the MCU
execution unit and the PFQ begins to pre-fetch bytes for the next instruction. In Phase 4
Instruction B is processed.
The uPSD34xx MCU instructions are an exact 1/3 scale of all standard 8032 instructions
with regard to number of cycles per instruction. Figure 10 on page 26 shows the equivalent
instruction sequence from the example above on a standard 8032 for comparison.
5.3
Aggregate performance
The stream of two-byte, two-cycle instructions in Figure 9 on page 25, running on a 40MHz,
5V, uPSD34xx will yield 5 MIPs. And we saw the stream of one- or two-byte, one-cycle
instructions in Figure 7 on page 23, on the same MCU yield 10 MIPs. Effective performance
will depend on a number of things: the MCU clock frequency; the mixture of instructions
types (bytes and cycles) in the application; the amount of time an empty PFQ stalls the MCU
(mix of instruction types and misses on Branch Cache); and the operating voltage. A 5V
uPSD34xx device operates with four memory wait states, but a 3.3V device operates with
five memory wait states yielding 8 MIPS peak compared to 10 MIPs peak for 5V device. The
same number of wait states will apply to both program fetches and to data READ/WRITEs
unless otherwise specified in the SFR named BUSCON.
In general, a 3X aggregate performance increase is expected over any standard 8032
application running at the same clock frequency.
Figure 9.
PFQ operation on multi-cycle instructions
Three 2-byte, 2-cycle Instructions on uPSD34xx
PFQ
MCU
Execution
Inst A, Byte 1&2 Inst B, Byte 1&2 Inst C, Byte 1&2
Next Inst
Previous Instruction
A1
A2
Process A
B1
B2
Process B
C1
C2
AI10432
Process C
Continue to Pre-Fetch
Next Inst
4-clock
Macine Cycle
Instruction A
Instruction B
Instruction C
Pre-Fetch
Inst A
Pre-Fetch Inst B and C
Pre-Fetch next Inst
Phase 1
Phase 2
Phase 3
Phase 4
Phase 6
Phase 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com