Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPSD3422EB40U6 Datasheet(PDF) 103 Page - STMicroelectronics

Part # UPSD3422EB40U6
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6 Datasheet(HTML) 103 Page - STMicroelectronics

Back Button UPSD3422EB40U6 Datasheet HTML 99Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 100Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 101Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 102Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 103Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 104Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 105Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 106Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 107Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 293 page
background image
uPSD34xx
Serial UART interfaces
103/293
21.3.1
Using timer 1 to generate baud rates
When Timer 1 is used as the baud rate generator (bits RCLK = 0, TCLK = 0), the baud rates
in Modes 1 and 3 are determined by the Timer 1 overflow rate and the value of SMOD as
follows:
Mode 1,3 Baud Rate =
(2SMOD / 32) x (Timer 1 overflow rate)
The Timer 1 Interrupt should be disabled in this application. The Timer itself can be
configured for either “timer” or “counter” operation, and in any of its 3 running modes. In the
most typical applications, it is configured for “timer” operation, in the Auto-reload Mode (high
nibble of the SFR TMOD = 0010B). In that case the baud rate is given by the formula:
Mode 1,3 Baud Rate =
(2SMOD / 32) x (fOSC / (12 x [256 – (TH1)]))
Table 49 lists various commonly used baud rates and how they can be obtained from Timer
1.
21.3.2
Using timer/counter 2 to generate baud rates
See Section 20.6.3: Baud rate generator mode on page 94.
Table 49.
Commonly used baud rates generated from timer 1
UART Mode
fOSC MHz
Desired
Baud
Rate
Resultant
Baud
Rate
Baud
Rate
Deviation
SMOD
bit in
PCON
Timer 1
C/T Bit
in
TMOD
Timer
Mode
in
TMOD
TH1
Reload
value
(hex)
Mode 0 Max
40.0
3.33MHz
3.33MHz
0
X
X
X
X
Mode 2 Max
40.0
1250 k
1250 k
0
1
X
X
X
Mode 2 Max
40.0
625 k
625 k
0
0
X
X
X
Modes 1 or 3
40.0
19200
18939
-1.36%
1
0
2
F5
Modes 1 or 3
40.0
9600
9470
-1.36%
1
0
2
EA
Modes 1 or 3
36.0
19200
18570
-2.34%
1
0
2
F6
Modes 1 or 3
33.333
57600
57870
0.47%
1
0
2
FD
Modes 1 or 3
33.333
28800
28934
0.47%
1
0
2
FA
Modes 1 or 3
33.333
19200
19290
0.47%
1
0
2
F7
Modes 1 or 3
33.333
9600
9645
0.47%
1
0
2
EE
Modes 1 or 3
24.0
9600
9615
0.16%
1
0
2
F3
Modes 1 or 3
12.0
4800
4808
0.16%
1
0
2
F3
Modes 1 or 3
11.0592
57600
57600
0
1
0
2
FF
Modes 1 or 3
11.0592
28800
28800
0
1
0
2
FE
Modes 1 or 3
11.0592
19200
19200
0
1
0
2
FD
Modes 1 or 3
11.0592
9600
9600
0
1
0
2
FA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com