Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPSD3422EB40U6 Datasheet(PDF) 113 Page - STMicroelectronics

Part # UPSD3422EB40U6
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6 Datasheet(HTML) 113 Page - STMicroelectronics

Back Button UPSD3422EB40U6 Datasheet HTML 109Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 110Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 111Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 112Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 113Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 114Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 115Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 116Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 117Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 293 page
background image
uPSD34xx
IrDA interface
113/293
Table 51.
Baud rate selection register (SFR xxh, reset value xxh)
Table 52.
Baud rate of UART#1 for IrDA interface
22.2
Pulse width selection
The IrDA interface has two ways to modulate the standard UART1 serial stream:
1.
An IrDA data pulse will have a constant pulse width for any bit time, regardless of the
selected baud rate.
2.
An IrDA data pulse will have a pulse width that is proportional to the the bit time of the
selected baud rate. In this case, an IrDA data pulse width is 3/16 of its bit time, as
shown in Figure 40 on page 111.
The PULSE bit in the SFR named IRDACON determines which method above will be used.
According to the IrDA physical layer specification, for all baud rates at 115.2k bps and below,
the minimum data pulse width is 1.41µs. For a baud rate of 115.2k bps, the maximum pulse
width 2.23µs. If a constant pulse width is to be used for all baud rates (PULSE bit = 0), the
ideal general pulse width is 1.63µs, derived from the bit time of the fastest baud rate (8.68µs
bit time for 115.2k bps rate), multiplied by the proportion, 3/16.
Bit
Symbol
R/W
Definition
7:4
BR[3:0]
R,W
Specify Baud Rate (see Table 52)
3:2
PULSE
R,W
IrDA Pulse Modulation Select
0 = 3/16 bit time pulses (not recommended)
1 = 1.627µs
1:0
IRDAEN
R,W
0 = IrDA Interface is disabled
1 = IrDA is enabled, UART#1 outputs are disconnected from
Port 1 (or Port 4)
BR3
BR2
BR1
BR0
Baud Rate (kbps)
00
00
115.2
00
01
57.5
00
10
38.4
00
11
19.2
01
00
14.4
01
01
12.8
01
10
9.6
01
11
7.2
10
00
4.8
10
01
3.6
10
10
2.4
10
11
1.8
11
00
1.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com