Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPSD3422EB40U6 Datasheet(PDF) 161 Page - STMicroelectronics

Part # UPSD3422EB40U6
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6 Datasheet(HTML) 161 Page - STMicroelectronics

Back Button UPSD3422EB40U6 Datasheet HTML 157Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 158Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 159Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 160Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 161Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 162Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 163Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 164Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 165Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 293 page
background image
uPSD34xx
USB interface
161/293
●
USB OUT FIFO Interrupt Flag (UIF2)
The USB OUT FIFO Interrupt Flag register (see Table 78) contains flags that indicate
when an OUT Endpoint FIFO that was empty becomes full. Once set, firmware must
clear the flag by writing a '0' to the appropriate bit. When FIFOs are paired, only the
odd numbered FIFO Interrupt flags are active.
Table 78.
USB OUT FIFO interrupt flag (UIF2 0EAh, reset value 00h)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
–
–
–
OUT4F
OUT3F
OUT2F
OUT1F
OUT0F
Bit
Symbol
R/W
Definition
7
–
–
Reserved
6
–
–
Reserved
5
–
–
Reserved
4OUT4F
R/W
Endpoint 4 OUT FIFO Interrupt flag
This bit is set when the FIFO status changes from empty to
full.
3OUT3F
R/W
Endpoint 3 OUT FIFO Interrupt flag
This bit is set when the FIFO status changes from empty to
full.
2OUT2F
R/W
Endpoint 2 OUT FIFO Interrupt flag
This bit is set when the FIFO status changes from empty to
full.
1OUT1F
R/W
Endpoint 1 OUT FIFO Interrupt flag
This bit is set when the FIFO status changes from empty to
full.
0OUT0F
R/W
Endpoint 0 OUT FIFO Interrupt flag
This bit is set when the FIFO status changes from empty to
full.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com