Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPSD3422EB40U6 Datasheet(PDF) 167 Page - STMicroelectronics

Part # UPSD3422EB40U6
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6 Datasheet(HTML) 167 Page - STMicroelectronics

Back Button UPSD3422EB40U6 Datasheet HTML 163Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 164Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 165Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 166Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 167Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 168Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 169Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 170Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 171Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 293 page
background image
uPSD34xx
USB interface
167/293
●
USB FIFO Valid Size (USIZE)
The Endpoint selected by the USB Endpoint Select Register (see Table 82 on
page 165) determines the direction and FIFO that is controlled by the USB FIFO Valid
Size (see Table 84). The USB FIFO Valid Size Register indicates the number of bytes
loaded into the IN FIFO that the SIE is to send in a Data packet for an Endpoint IN case
and indicates the number of bytes received for an Endpoint OUT case.
Table 84.
USB FIFO valid size (USIZE 0F2h, reset value 00h)
0BSY
R/W
FIFO Busy Status
– Endpoint IN Case
Once the FIFO has been loaded and armed (USIZE written with the
number of bytes to send), the BSY Bit is set and remains set until the
SIE has transmitted the data in the FIFO. The CPU should only access
the FIFO when BSY = 0.
– Endpoint OUT Case
While the SIE is receiving data and storing it in the FIFO (BSY = 1), it
should not be accessed by the CPU. Once the OUT transaction is
complete (BSY=0), the CPU may read the contents of the FIFO. The
BSY Bit will remain cleared until another OUT transaction is received.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
–
SIZE[6:0]
Bit
Symbol
R/W
Definition
7
–
–
Reserved
6:0
SIZE
R/W
– Endpoint IN Case
The CPU writes the USIZE register with the number of bytes it
loaded into the IN endpoint FIFO for transmission with the next
IN transaction. Once the USIZE register has been written, the
FIFO becomes ready for transmission.
– Endpoint OUT Case
The CPU reads the USIZE register to determine how many
bytes were received in the data packet during the last OUT
transaction. This tells the CPU how many valid bytes to read
from the FIFO.
Note: Since the FIFOs are 64 bytes in length, the maximum
value for SIZE is 64 (40h).
Bit
Symbol
R/W
Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com