Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPSD3422EB40U6 Datasheet(PDF) 195 Page - STMicroelectronics

Part # UPSD3422EB40U6
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6 Datasheet(HTML) 195 Page - STMicroelectronics

Back Button UPSD3422EB40U6 Datasheet HTML 191Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 192Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 193Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 194Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 195Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 196Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 197Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 198Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 199Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 293 page
background image
uPSD34xx
PSD module
195/293
Figure 67.
Mapping: all Flash in code space
●
Figure 68 Place the larger Main Flash Memory into XDATA space and the smaller
Secondary Flash into program space for systems that need a large amount of Flash for
data recording or large look-up tables, and not so much Flash for 8032 firmware.
Figure 68.
Mapping: Small Code / Big Data
It is also possible to “reclassify” the Flash memories during runtime, moving the memories
between XDATA memory space and program memory space on-the-fly. This essentially
means that the user can override the initial setting during run-time by writing to a csiop
register (the VM Register). This is useful for IAP, because standard 8051 architecture does
not allow writing to program space. For example, if the user wants to update firmware in
Main Flash memory that is residing in program space, the user can temporarily “reclassify”
the Main Flash memory into XDATA space to erase and rewrite it while executing IAP code
0000h
8000h
4000h
6000h
FFFFh
8032 XDATA SPACE
(RD and WR)
8032 PROGRAM
SPACE (PSEN)
csboot1, 8KB
Common Memory to All Pages
csboot0, 8KB
Common Memory to All Pages
csboot2, 8KB
Common Memory to All Pages
csboot3, 8KB
Common Memory to All Pages
Page X
rs0, 8KB
csiop, 256B
fs7
16KB
fs3
16KB
fs1
16KB
Page
0
Page
1
Page
2
Page
3
2000h
0000h
FFFFh
fs6
16KB
fs5
16KB
fs4
16KB
fs2
16KB
fs0
16KB
System I/O
C000h
2100h
2000h
AI09175
0000h
8000h
4000h
6000h
FFFFh
8032 XDATA SPACE
(RD and WR)
8032 PROGRAM
SPACE (PSEN)
csboot0
8KB
csboot1
8KB
csboot2
8KB
csboot3
8KB
Page X
rs0, 8KB
Common Memory to All Pages
csiop, 256 bytes,
Common to All Pages
fs7
16KB
fs3
16KB
fs1
16KB
Page
0
Page
1
Page
2
Page
3
2000h
0000h
8000h
FFFFh
Nothing
Mapped
fs6
16KB
fs5
16KB
fs4
16KB
fs2
16KB
fs0
16KB
System I/O
C000h
2100h
2000h
AI09176



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com