Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPSD3422EB40U6 Datasheet(PDF) 246 Page - STMicroelectronics

Part # UPSD3422EB40U6
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6 Datasheet(HTML) 246 Page - STMicroelectronics

Back Button UPSD3422EB40U6 Datasheet HTML 242Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 243Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 244Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 245Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 246Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 247Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 248Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 249Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 250Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 246 / 293 page
background image
PSD module
uPSD34xx
246/293
28.5.53
Forced power-down (FDP)
An alternative to APD is FPD. The resulting power-savings is the same, but the PDN signal
in Figure 89 on page 247 is set and Power-Down mode is entered immediately when
firmware sets the FORCE_PD Bit to logic '1' in the csiop Register PMMR3 (Bit 1). FPD will
override APD counter activity when FORCE_PD is set. No external clock source for the APD
counter is needed. The FORCE_PD Bit is cleared only by a reset condition.
Caution must be used when implementing FPD because code memory goes off-line as
soon as PSD Module Power-Down mode is entered, leaving the MCU with no instruction
stream to execute.
The MCU Module must put itself into Power-Down mode after it puts the PSD Module into
Power-Down Mode. How can it do this if code memory goes off-line? The answer is the Pre-
Fetch Queue (PFQ) in the MCU Module. By using the instruction scheme shown in the 8051
assembly code example in Table 147, the PFQ will be loaded with the final instructions to
command the MCU Module to Power Down mode after the PDS Module goes to Power-
Down mode. In this case, even though the code memory goes off-line in the PSD Module,
the last few MCU instruction are sourced from the PFQ.
Table 147.
Forced power-down example
PDOWN:
ANL
A8h, #7Fh
; disable all interrupts
ORL
9Dh, #C0h
; ensure PFQ and BC are enabled
MOV
DPTR, #xxC7
; load XDATA pointer to select PMMR3 register (xx
= base
; address of csiop registers)
CLR
A
; clear A
JMP
LOOP
; first loop - fill PFQ/BQ with Power Down
instructions
NOP
; second loop - fetch code from PFQ/BC and set
Power-
; Down bits for PSD Module and then MCU
Module
LOOP:
MOVX
@DPTR, A
; set FORCE_PD Bit in PMMR3 in PSD Module in
second
; loop
MOV
87h, A
; set PD Bit in PCON Register in MCU Module in
second
; loop
MOV
A, #02h
; set power-down bit in the A Register, but not in
PMMR3 or
; PCON yet in first loop
JMP
LOOP
; uPSD enters into Power-Down mode in second
loop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com