Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX3075 Datasheet(PDF) 3 Page - AXElite technology co. ltd

Part # AX3075
Description  Wide Input Range CC/CV Step Down Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3075 Datasheet(HTML) 3 Page - AXElite technology co. ltd

  AX3075 Datasheet HTML 1Page - AXElite technology co. ltd AX3075 Datasheet HTML 2Page - AXElite technology co. ltd AX3075 Datasheet HTML 3Page - AXElite technology co. ltd AX3075 Datasheet HTML 4Page - AXElite technology co. ltd AX3075 Datasheet HTML 5Page - AXElite technology co. ltd AX3075 Datasheet HTML 6Page - AXElite technology co. ltd AX3075 Datasheet HTML 7Page - AXElite technology co. ltd AX3075 Datasheet HTML 8Page - AXElite technology co. ltd AX3075 Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3/17
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev1.5 Dec.11, 2019
AX3075/B
Name
Description
VIN
Power Supply Input. Bypass this pin with a 1uF ceramic capacitor to GND,
placed as close to the IC as possible.
COMP
Error Amplifier Output. This is the output of the error amplifier (EA) and the
non-inverting input of the PWM comparator. Use this pin in combination with the
FB pin to compensate the voltage control feedback loop of the converter. Pulling
COMP to a level below 0.4V nominal disables the controller, causes the
oscillator to stop, and makes the UGATE and LGATE outputs held low.
FB
Feedback Pin. The voltage at this pin is regulated to 1.0V. Connect to the
resistor divider between output and GND to set the output voltage.
SEN2
The Current Sense Input2 (+) Pin. When the SEN2 is larger than the current
sense voltage, OCP function will enable.
SEN1
The Current Sense Input1 (+) Pin. When the SEN1 is larger than the current
sense voltage, OCP function will enable.
GND
Ground. Connect this pin to a large PCB copper area for best heat dissipation,
Return FB, and COMP to this GND and connect this GND to power GND at a
single point for best noise immunity.
LG
Output to Low-side Gate Driver.
UG
Output to High-side Gate Driver.
LX
Power Switching Output to External Inductor.
BS
Bootstrap Pin. This provides power to the internal higher MOSFET gate driver.
Connect a 100nF capacitor from BS pin to LX pin.
ORDER/MARKING INFORMATION
Order Information
Package Type
AX3075 X XXX X
Packing
Blank : Tube
A : Taping
J10: TDFN-10L
Blank:120KHz
B:65KHz
U :MSOP-10L
Top Marking(MSOP-10L)
Top Marking(TDFN-10L)
AX 3
Logo
Part number
ID code: internal
WW: 01~52
Y Y W W X
0 7 5 B
Year: 18=2018
19=2019
20=2020
21=2021
22=2022
45=2045
:
3
Part number
ID code: internal
WW: 01~52
Year: 18=2018
19=2019
20=2020
21=2021
22=2022
Y Y W W X
0 7 5 X
AX3075
AX3075B
:
45=2045



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com