Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX3075 Datasheet(PDF) 5 Page - AXElite technology co. ltd

Part # AX3075
Description  Wide Input Range CC/CV Step Down Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3075 Datasheet(HTML) 5 Page - AXElite technology co. ltd

  AX3075 Datasheet HTML 1Page - AXElite technology co. ltd AX3075 Datasheet HTML 2Page - AXElite technology co. ltd AX3075 Datasheet HTML 3Page - AXElite technology co. ltd AX3075 Datasheet HTML 4Page - AXElite technology co. ltd AX3075 Datasheet HTML 5Page - AXElite technology co. ltd AX3075 Datasheet HTML 6Page - AXElite technology co. ltd AX3075 Datasheet HTML 7Page - AXElite technology co. ltd AX3075 Datasheet HTML 8Page - AXElite technology co. ltd AX3075 Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5/17
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev1.5 Dec.11, 2019
AX3075/B
ELECTRICAL CHARACTERISTICS VCC=12V, TA=25°C (unless otherwise specified.)
Characteristics
Symbol
Test Conditions
Min Typ Max Units
Supply Voltage Range VIN
VCC
9
-
40
V
Supply Input Current
ICCQ
COMP/EN=GND
-
2
-
mA
AX3075
ICC
12VIN VOUT=5V,No load
-
3.5
-
mA
ICC
30VIN VOUT=5V,No load
-
4
-
mA
AX3075B
ICC
12VIN VOUT=5V,No load
-
4.5
-
mA
ICC
30VIN VOUT=5V,No load
-
5
-
mA
Power-On-Reset
VCC POR Threshold
VCCRTH VCC Rising.
7
7.5
8
V
VCCFTH VCC Falling.
-
6.5
-
Oscillator
Normal PWM Frequency
AX3075
FOSC IOUT=200mA
96 120 144 KHz
AX3075B
50
65
80 KHz
Minimum On-Time
TON-MIN
-
200
-
nS
Duty Cycle Range
AX3075
Duty
0
-
93
%
AX3075B
0
-
97
%
Reference
Reference Voltage
VREF
-
1.0
-
V
Reference Voltage Tolerance
-2
-
+2
%
Line compensation Current
IFB
VSEN1 or VSEN2 =100mV
-
5
-
uA
PWM Error Amplifier
COMP Shutdown Threshold Voltage
-
0.4
-
V
COMP Source Current
VCOMP=VCOMP_H -1V
-
132
-
uA
COMP Sink Current
VCOMP=1V
-
126
-
uA
Current Sense Amplifier
Difference Voltage between SEN-
and SEN+
△VSEN
95 100 105 mV
Pre-Driver (Ensured by design)
UG Driver
source
-
10
-
Ω
sink
-
2
-
Ω
LG Driver
source
-
13
-
Ω
sink
-
1.5
-
Ω
Dead Time
UG low to LG high
-
40
-
nS
LG low to UG high
-
100
-
nS
Protection
Over Temperature Shutdown
-
160
-
°C
Over Temperature Hysteresis
-
40
-
°C
Soft Start
Soft Start Time
TSS
-
3
-
ms
Recycle Time
-
0.5
-
s
Output Short Circuit Protect Section
Short Circuit Fold Back Voltage
VSCP
-
0.4
-
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com