Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX3075 Datasheet(PDF) 9 Page - AXElite technology co. ltd

Part # AX3075
Description  Wide Input Range CC/CV Step Down Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3075 Datasheet(HTML) 9 Page - AXElite technology co. ltd

Back Button AX3075 Datasheet HTML 5Page - AXElite technology co. ltd AX3075 Datasheet HTML 6Page - AXElite technology co. ltd AX3075 Datasheet HTML 7Page - AXElite technology co. ltd AX3075 Datasheet HTML 8Page - AXElite technology co. ltd AX3075 Datasheet HTML 9Page - AXElite technology co. ltd AX3075 Datasheet HTML 10Page - AXElite technology co. ltd AX3075 Datasheet HTML 11Page - AXElite technology co. ltd AX3075 Datasheet HTML 12Page - AXElite technology co. ltd AX3075 Datasheet HTML 13Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9/17
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev1.5 Dec.11, 2019
AX3075/B
APPLICATION INFORMATION
Output Voltage Setting
Figure1 Output Voltage Setting
Figure 1 shows the connections for setting the output voltage. Select the proper ratio of the
two feedback resistors RFB1 and RFB2 based on the output voltage. Typically, use RFB2 ≈
1kΩ and determine R
FB1 from the following equation:
)
1
-
(
2
1
FB
OUT
FB
FB
V
V
R
R
Output Cable Resistance Compensation
To compensate for resistive voltage drop across the charger's output cable, the
AX3075/B integrates a simple, user-programmable cable voltage drop compensation
using the impedance at the FB pin. Use the curve in Figure 2 to choose the proper
feedback resistance values for cable compensation. RFB1 is the high side resistor of
voltage divider.
The Vsen1 or Vsen2 take the big one.
)]
1
6
.
16
(
[
]
)
1
[(
1
2
1
uA
K
V
R
V
R
R
V
SEN
FB
FB
FB
FB
OUT
Figure2
12VIN to 5VOUT Cable Compensation (RSEN=33mΩ)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com