Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX3075 Datasheet(PDF) 6 Page - AXElite technology co. ltd

Part # AX3075
Description  Wide Input Range CC/CV Step Down Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3075 Datasheet(HTML) 6 Page - AXElite technology co. ltd

Back Button AX3075 Datasheet HTML 2Page - AXElite technology co. ltd AX3075 Datasheet HTML 3Page - AXElite technology co. ltd AX3075 Datasheet HTML 4Page - AXElite technology co. ltd AX3075 Datasheet HTML 5Page - AXElite technology co. ltd AX3075 Datasheet HTML 6Page - AXElite technology co. ltd AX3075 Datasheet HTML 7Page - AXElite technology co. ltd AX3075 Datasheet HTML 8Page - AXElite technology co. ltd AX3075 Datasheet HTML 9Page - AXElite technology co. ltd AX3075 Datasheet HTML 10Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6/17
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev1.5 Dec.11, 2019
AX3075/B
Note 1: Stresses listed as the above “Absolute Maximum Ratings” may cause permanent damage to the device.
These are for stress ratings. Functional operation of the device at these or any other conditions beyond
those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods may remain possibility to affect device reliability.
Note 2: Devices are ESD sensitive. Handling precaution recommended.
Note 3: θJA is measured in the natural convection at TA = 25°C on a high effective thermal conductivity test board
of JEDEC 51-7 thermal measurement standard.
TYPICAL APPLICATION CIRCUIT
AX3075
IN
SEN1
SEN2
GND
BS
COMP
FB
INPUT
C1
R1
C4
L1
RS2
R3
C5
OUTPUT
RS1
C2
UG
LX
C3
AMS4004
LG
R2
C6
SEN1
SEN2
R4
R5
C7
R6
C8
R7
VIN=10V~40V
R8
10R
100uF
4.7uF~10uF
15pF
47K
2.2nF
10R
0R~10R
0.1uF
4.7R
2.2nF
3K
12K
1nF
470uF
0R~4.7R
Q1
Q2
33uH-66uH
AMS4004
C9
4.7uF~10uF
Note: If output only 1 port,the other Sense pin need connect with GND.
MLCC OUTPUT CAPACITOR APPLICATION
AX3075
IN
SEN1
SEN2
GND
BS
COMP
FB
INPUT
C1
R1
C4
L1
R3
C5
OUTPUT
C2
UG
LX
C3
Q1
AMN4008
Q2
AMN4008
LG
R2
C6
SEN1
SEN2
R4
R5
C7
R6
C8
R7
VIN=10V~40V
R8
10R
100uF
4.7uF~
10uF
1nF
1K
10nF
10R
0R~10R
0.1uF
4.7R
2.2nF
3K
12K
1nF
100uF
MLCC
0R~4.7R
33uH-66uH
100uF
MLCC
RS1
RS2
C9
C9
4.7uF~10uF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com