Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX3075 Datasheet(PDF) 8 Page - AXElite technology co. ltd

Part # AX3075
Description  Wide Input Range CC/CV Step Down Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3075 Datasheet(HTML) 8 Page - AXElite technology co. ltd

Back Button AX3075 Datasheet HTML 4Page - AXElite technology co. ltd AX3075 Datasheet HTML 5Page - AXElite technology co. ltd AX3075 Datasheet HTML 6Page - AXElite technology co. ltd AX3075 Datasheet HTML 7Page - AXElite technology co. ltd AX3075 Datasheet HTML 8Page - AXElite technology co. ltd AX3075 Datasheet HTML 9Page - AXElite technology co. ltd AX3075 Datasheet HTML 10Page - AXElite technology co. ltd AX3075 Datasheet HTML 11Page - AXElite technology co. ltd AX3075 Datasheet HTML 12Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
8/17
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev1.5 Dec.11, 2019
AX3075/B
Soft Start
The AX3075/B has internal soft start function to control rise rate of the output voltage
and limits the large inrush current at start up. The typical soft start interval is about 3mS.
Power on Reset
A power-on reset circuit monitors the input voltage. When the input voltage exceeds
7.5V, the converter will start operation. Once input voltage falls below 6.5V, the controller
will shut down.
Over Temperature Protection
The AX3075/B provides over temperature protection. The OTP will shut down the
converter when junction temperature exceeds 160°C. Once the junction temperature cools
down by approximately 40°C, the converter will resume normal operation.
Current Limit Protection
The Current limit is set by outside resistance (RSENSE), When the SEN1 or SEN2
voltage larger than 100mV, the current limit is happened that driver can be turned off. The
current limit set according to the following equation:
SENSE
R
mV
100
=
(A)
Limit
Current
Output Short-Circuit Protection
The AX3075/B provides output short-circuit protection function. When VOUT is short
(VFB<0.4V), the auto restart function can be started that restart the regulator cycle by
cycle. The cycle time is set by internal counter.
t1
t2
.)
(
500
2
t
.)
(
50
1
t
Sec
m
Sec
m



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com