Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX3075 Datasheet(PDF) 2 Page - AXElite technology co. ltd

Part # AX3075
Description  Wide Input Range CC/CV Step Down Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3075 Datasheet(HTML) 2 Page - AXElite technology co. ltd

  AX3075 Datasheet HTML 1Page - AXElite technology co. ltd AX3075 Datasheet HTML 2Page - AXElite technology co. ltd AX3075 Datasheet HTML 3Page - AXElite technology co. ltd AX3075 Datasheet HTML 4Page - AXElite technology co. ltd AX3075 Datasheet HTML 5Page - AXElite technology co. ltd AX3075 Datasheet HTML 6Page - AXElite technology co. ltd AX3075 Datasheet HTML 7Page - AXElite technology co. ltd AX3075 Datasheet HTML 8Page - AXElite technology co. ltd AX3075 Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2/17
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev1.5 Dec.11, 2019
AX3075/B
BLOCK DIAGRAM
+
-
0.36V
-
+
VREF
ERROR
AMPLIFIER
FB
COMP
ramp
VIN
5V
BS
5V
Fault
Logics
UG
LX
+
-
SEN1
0.1V
Cable
COMP
GND
LG
UVP
Over Temperature
Protection
POR
Internal
Regulator
+
-
0.4V
Current
Sensor1
Current
Sensor2
SEN2
0.1V
Oscillator
120KHz/65KHz
Gate
Control
Zero
Current
Detection
PIN ASSIGNMENT
The package of AX3075/B TDFN-10L the pin assignment is given by:
TDFN-10L (3*3)
VIN
LG
1
SEN1
10
2
3
4
5
6
7
8
9
COMP
FB
SEN2
GND
UG
LX
BS
Exposed
Pad
(GND)
TOP View
The package of AX3075B MSOP-10L the pin assignment is given by:
(Top View)
1
2
3
4
8
7
6
5
MSOP-10L
VIN
FB
SEN2
COMP
UG
LX
BS
LG
9
10
SEN1
GND
AX3075B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com