Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX3075 Datasheet(PDF) 4 Page - AXElite technology co. ltd

Part # AX3075
Description  Wide Input Range CC/CV Step Down Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3075 Datasheet(HTML) 4 Page - AXElite technology co. ltd

  AX3075 Datasheet HTML 1Page - AXElite technology co. ltd AX3075 Datasheet HTML 2Page - AXElite technology co. ltd AX3075 Datasheet HTML 3Page - AXElite technology co. ltd AX3075 Datasheet HTML 4Page - AXElite technology co. ltd AX3075 Datasheet HTML 5Page - AXElite technology co. ltd AX3075 Datasheet HTML 6Page - AXElite technology co. ltd AX3075 Datasheet HTML 7Page - AXElite technology co. ltd AX3075 Datasheet HTML 8Page - AXElite technology co. ltd AX3075 Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4/17
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev1.5 Dec.11, 2019
AX3075/B
ABSOLUTE MAXIMUM RATINGS (at TA= 25°C)
Characteristics
Symbol
Rating
Unit
Supply Input Voltage
VIN
-0.3 to +43
V
BS to LX
-0.3 to +7
V
LX to GND
VSW
-1 to +VIN+1
V
BS, UG to GND
VSW-0.3 to VSW+7
V
FB, COMP, LG,SEN1, SEN2 to GND
0.3 to +7
V
ESD HBM (Human Body Mode)
±2K
V
ESD MM (Machine Mode)
±200
V
Power Dissipation, PD @TA=25°C
PD
( TJ-TA ) / θJA
mW
Thermal Resistance from Junction to case
θJC
7.8
°C/W
Thermal Resistance from Junction to ambient
θJA
68
°C/W
RECOMMENDED OPERATION CONDITIONS
Characteristics
Symbol
Rating
Unit
Storage Temperature Range
TST
-65 to +150
°C
Junction Temperature
TJ
-40 to +125
°C
Operating Temperature
TOP
-40 to +85
°C
Temperature Range(Soldering 10sec)
260
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com