Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX3075 Datasheet(PDF) 11 Page - AXElite technology co. ltd

Part # AX3075
Description  Wide Input Range CC/CV Step Down Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3075 Datasheet(HTML) 11 Page - AXElite technology co. ltd

Back Button AX3075 Datasheet HTML 7Page - AXElite technology co. ltd AX3075 Datasheet HTML 8Page - AXElite technology co. ltd AX3075 Datasheet HTML 9Page - AXElite technology co. ltd AX3075 Datasheet HTML 10Page - AXElite technology co. ltd AX3075 Datasheet HTML 11Page - AXElite technology co. ltd AX3075 Datasheet HTML 12Page - AXElite technology co. ltd AX3075 Datasheet HTML 13Page - AXElite technology co. ltd AX3075 Datasheet HTML 14Page - AXElite technology co. ltd AX3075 Datasheet HTML 15Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
11/17
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev1.5 Dec.11, 2019
AX3075/B
PCB Layout Recommendations
1.
PCB trace defined as LX node, which connects to source of switching MOSFET,
drain of rectifying MOSFET and high-voltage side of the inductor, should be as
short and wide as possible.
2.
All sensitive analog traces such as SEN1, SEN2, COMP and FB should place away
from high-voltage switching nodes such as LX, UG or LG nodes to avoid coupling.
3.
C8 input bypass capacitor should be placed to the VIN pin as close as possible.
4.
Connections from the drivers to the respective gate of the high-side or the
low-side MOSFET should be as short as possible to reduce stray inductance. Use
a 0.65 mm (25 mils) or wider trace.
1. Gather the ground terminals of the VIN capacitor(s), VOUT capacitor(s), and the
source of the low-side MOSFETs as close as possible. Signal ground and power
ground should be connected strongly together near the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com