Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX3075 Datasheet(PDF) 15 Page - AXElite technology co. ltd

Part # AX3075
Description  Wide Input Range CC/CV Step Down Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3075 Datasheet(HTML) 15 Page - AXElite technology co. ltd

Back Button AX3075 Datasheet HTML 9Page - AXElite technology co. ltd AX3075 Datasheet HTML 10Page - AXElite technology co. ltd AX3075 Datasheet HTML 11Page - AXElite technology co. ltd AX3075 Datasheet HTML 12Page - AXElite technology co. ltd AX3075 Datasheet HTML 13Page - AXElite technology co. ltd AX3075 Datasheet HTML 14Page - AXElite technology co. ltd AX3075 Datasheet HTML 15Page - AXElite technology co. ltd AX3075 Datasheet HTML 16Page - AXElite technology co. ltd AX3075 Datasheet HTML 17Page - AXElite technology co. ltd  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
15/17
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev1.5 Dec.11, 2019
AX3075/B
MSOP-10L
D
PIN 1 INDICATOR 0.70 mm
SURFACE POLISHED
L
GAGE PLANE
R0.1~0.15
DETAIL A
b
12 TYP
y
E1
C
DETAIL A
e
θ
Ф
Symbol
Dimensions in Millimeters
Dimensions in Inches
Min.
Nom.
Max.
Min.
Nom.
Max.
A
-
-
1.1
-
-
0.043
A1
0
0.08
0.15
0
0.003
0.006
A2
0.75
0.86
0.95
0.03
0.033
0.037
b
0.17
0.21
0.33
0.009
0.012
0.015
C
0.08
0.16
0.23
0.003
0.006
0.009
D
2.9
3
3.1
0.114
0.118
0.122
E
4.8
4.9
5
0.189
0.193
0.197
E1
2.9
3
3.1
0.114
0.118
0.122
e
0.50 BSC
0.020 BSC
L
0.4
0.6
0.8
0.016
0.024
0.031
y
-
-
0.1
-
-
0.004
θ
0º
3º
8º
0º
3º
8º
JEDEC outline: MO-187 BA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com