Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F273E Datasheet(PDF) 153 Page - STMicroelectronics

Part # ST10F273E
Description  16-bit MCU with 512 Kbyte Flash memory and 36 Kbyte RAM
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F273E Datasheet(HTML) 153 Page - STMicroelectronics

Back Button ST10F273E Datasheet HTML 149Page - STMicroelectronics ST10F273E Datasheet HTML 150Page - STMicroelectronics ST10F273E Datasheet HTML 151Page - STMicroelectronics ST10F273E Datasheet HTML 152Page - STMicroelectronics ST10F273E Datasheet HTML 153Page - STMicroelectronics ST10F273E Datasheet HTML 154Page - STMicroelectronics ST10F273E Datasheet HTML 155Page - STMicroelectronics ST10F273E Datasheet HTML 156Page - STMicroelectronics ST10F273E Datasheet HTML 157Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 179 page
background image
ST10F273E
Electrical characteristics
153/179
The given values of CA do not include the stray capacitance of the package and of the
printed circuit board: the negative resistance values are calculated assuming additional 5pF
to the values in the table. The crystal shunt capacitance (C0), the package and the stray
capacitance between XTAL1 and XTAL2 pins is globally assumed equal to 4pF.
The external resistance between XTAL1 and XTAL2 is not necessary, since already present
on the silicon.
24.8.12
32 kHz oscillator specifications
VDD = 5V ± 10%, VSS = 0V, TA = –40°C to +125°C
Figure 46.
32 kHz crystal oscillator connection diagram
The given values of CA do not include the stray capacitance of the package and of the
printed circuit board: the negative resistance values are calculated assuming additional 5pF
to the values in the table. The crystal shunt capacitance (C0) and the package capacitance
between XTAL3 and XTAL4 pins is globally assumed equal to 4pF. The external resistance
between XTAL3 and XTAL4 is not necessary, since already present on the silicon.
Table 74.
32 kHz oscillator characteristics
Symbol
Parameter
Conditions
Value
Unit
Min.
Typ.
Max.
gm32
Oscillator transconductance(1)
1.
At power-on a high current biasing is applied for faster oscillation start-up. Once the oscillation is started,
the current biasing is reduced to lower the power consumption of the system.
Start-up
20
31
50
µA/V
Normal run
8
17
30
VOSC32
Oscillation amplitude(2)
2.
Not 100% tested, guaranteed by design characterization.
Peak to peak
0.5
1.0
2.4
V
VAV32
Oscillation voltage level (2)
Sine wave middle
0.7
0.9
1.2
tSTUP32
Oscillator start-up time (2)
Stable VDD
–15
s
Table 75.
Minimum values of negative resistance (module) for 32 kHz oscillator
CA = 6pF
CA = 12pF CA = 15pF CA = 18pF CA = 22pF CA = 27pF CA = 33pF
32 kHz
----
150 k
Ω
120 k
Ω
90 kW
CA
CA
crystal
ST10F273E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com