Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F273E Datasheet(PDF) 155 Page - STMicroelectronics

Part # ST10F273E
Description  16-bit MCU with 512 Kbyte Flash memory and 36 Kbyte RAM
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F273E Datasheet(HTML) 155 Page - STMicroelectronics

Back Button ST10F273E Datasheet HTML 151Page - STMicroelectronics ST10F273E Datasheet HTML 152Page - STMicroelectronics ST10F273E Datasheet HTML 153Page - STMicroelectronics ST10F273E Datasheet HTML 154Page - STMicroelectronics ST10F273E Datasheet HTML 155Page - STMicroelectronics ST10F273E Datasheet HTML 156Page - STMicroelectronics ST10F273E Datasheet HTML 157Page - STMicroelectronics ST10F273E Datasheet HTML 158Page - STMicroelectronics ST10F273E Datasheet HTML 159Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 179 page
background image
ST10F273E
Electrical characteristics
155/179
24.8.14
Memory cycle variables
The tables below use three variables which are derived from the BUSCONx registers and
represent the special characteristics of the programmed memory cycle. The following table
describes, how these variables are to be computed.
24.8.15
External memory bus timing
In next sections the external memory bus timings are reported. The given values are
computed for a maximum CPU clock of 40 MHz.
It is evident that when higher CPU clock frequency is used (up to 64 MHz), some numbers in
the timing formulas become zero or negative, that in most of the cases is not acceptable or
not meaningful at all. In these cases, it is necessary to relax the speed of the bus setting
properly tA, tC and tF.
Note:
All external memory bus timings and SSC timings reported in the following tables are
granted by design characterization and not fully tested in production.
Description
Symbol
Values
ALE extension
tA
TCL x [ALECTL]
Memory cycle time wait states
tC
2TCL x (15 - [MCTC])
Memory tri-state time
tF
2TCL x (1 - [MTTC])



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com