Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F273E Datasheet(PDF) 154 Page - STMicroelectronics

Part # ST10F273E
Description  16-bit MCU with 512 Kbyte Flash memory and 36 Kbyte RAM
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F273E Datasheet(HTML) 154 Page - STMicroelectronics

Back Button ST10F273E Datasheet HTML 150Page - STMicroelectronics ST10F273E Datasheet HTML 151Page - STMicroelectronics ST10F273E Datasheet HTML 152Page - STMicroelectronics ST10F273E Datasheet HTML 153Page - STMicroelectronics ST10F273E Datasheet HTML 154Page - STMicroelectronics ST10F273E Datasheet HTML 155Page - STMicroelectronics ST10F273E Datasheet HTML 156Page - STMicroelectronics ST10F273E Datasheet HTML 157Page - STMicroelectronics ST10F273E Datasheet HTML 158Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 179 page
background image
Electrical characteristics
ST10F273E
154/179
Warning:
Direct driving on XTAL3 pin is not supported. Always use a
32 kHz crystal oscillator.
24.8.13
External clock drive XTAL1
When Direct Drive configuration is selected during reset, it is possible to drive the CPU clock
directly from the XTAL1 pin, without particular restrictions on the maximum frequency, since
the on-chip oscillator amplifier is bypassed. The speed limit is imposed by internal logic that
targets a maximum CPU frequency of 64 MHz.
In all other clock configurations (Direct Drive with Prescaler or PLL usage) the on-chip
oscillator amplifier is not bypassed, so it determines the input clock speed limit. Then, when
the on-chip oscillator is enabled it is forbidden to use any external clock source different
from crystal or ceramic resonator.
1.
The minimum value for the XTAL1 signal period shall be considered as the theoretical minimum. The real
minimum value depends on the duty cycle of the input clock signal.
2.
4 to 8 MHz is the input frequency range when using an external clock source. 64 MHz can be applied with
an external clock source only when Direct Drive mode is selected: in this case, the oscillator amplifier is
bypassed so it does not limit the input frequency.
3.
The input clock signal must reach the defined levels VIL2 and VIH2.
Figure 47.
External clock drive XTAL1
Note:
When Direct Drive is selected, an external clock source can be used to drive XTAL1. The
maximum frequency of the external clock source depends on the duty cycle: when 64 MHz
is used, 50% duty cycle shall be granted (low phase = high phase = 7.8ns); when for
instance 32 MHz is used, a 25% duty cycle can be accepted (minimum phase, high or low,
again equal to 7.8ns).
Table 76.
External clock drive XTAL1 timing
Parameter
Symbol
Direct drive
fCPU = fXTAL
Direct drive with
prescaler
fCPU = fXTAL / 2
PLL usage
fCPU = fXTAL x F
Unit
Min.
Max.
Min.
Max.
Min.
Max.
XTAL1 period 1, 2 tOSC SR
15.625
–
83.3
250
83.3
250
ns
High time 3
t1
SR
6
–3–6–
Low time 3
t2
SR
6–3–6–
Rise time 3
t3
SR
–2–2–2
Fall time 3
t4
SR
–2–2–2
t1
t3
t4
VIL2
t2
tOSC
VIH2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com