Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA8483CP Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TA8483CP
Description  Three−Phase All wave Driver IC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA8483CP Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TA8483CP_06 Datasheet HTML 1Page - Toshiba Semiconductor TA8483CP_06 Datasheet HTML 2Page - Toshiba Semiconductor TA8483CP_06 Datasheet HTML 3Page - Toshiba Semiconductor TA8483CP_06 Datasheet HTML 4Page - Toshiba Semiconductor TA8483CP_06 Datasheet HTML 5Page - Toshiba Semiconductor TA8483CP_06 Datasheet HTML 6Page - Toshiba Semiconductor TA8483CP_06 Datasheet HTML 7Page - Toshiba Semiconductor TA8483CP_06 Datasheet HTML 8Page - Toshiba Semiconductor TA8483CP_06 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
TA8483CP
2006-3-2
4
Functional Description
1. Output section (OUT
−U, OUT−V, OUT−W)
• The configuration of the output stage is shown in
the chart to the right.
• The PWM operation takes off−on control of the
upper side transistor.
• Be sure to set the schottky barrier diode outside,
because the current flows to the lower
−side diode
when PWM is off.
2. Input circuit (IN
−U, IN−V, IN−W)
• The three−phase input receivs three−state
impedance (high. low, high impedance) from the
controller side.
3. Overheat protection circuit
• When junction temperature Tj is Tj≥TSD (on)
(overheat protection operation temperature)
when TSD
−SEL = "low", the entire output
maintains an off state.
To cancel this state,
(1) Reapply the supply voltage.
(2) Apply "
" signal to the TSD
−SEL pin.
• When TSD−SEL = "high", an automatic return
mode takes place.
4. Excess current detection circuit (VISD, ISD)
• The voltage in current detection resistor RF
outside VI pin is input to the VISD pin.
• When VISD voltage rises above internal reference
voltage VRF (≃ 0.5V), excess current detection
circuit ISD becomes "high".
9
7
6
OUT−U
OUT−V
OUT−W
VI
8
10 VCC
10kΩ
50kΩ
11, 12, 13
IN
< Output circuit >
< Input circuit >
Internal logic
power supply
(≃ 6.7V)
Lower side
PwTr control
Circuit
Upper side
PwTr control
circuit
1
14
VISD
ISD
< Excess current detection circuit >
Internal logic
power supply
(≃ 6.7V)
+
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com