Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA8483CP Datasheet(PDF) 18 Page - Toshiba Semiconductor

Part # TA8483CP
Description  Three−Phase All wave Driver IC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA8483CP Datasheet(HTML) 18 Page - Toshiba Semiconductor

Back Button TA8483CP_06 Datasheet HTML 14Page - Toshiba Semiconductor TA8483CP_06 Datasheet HTML 15Page - Toshiba Semiconductor TA8483CP_06 Datasheet HTML 16Page - Toshiba Semiconductor TA8483CP_06 Datasheet HTML 17Page - Toshiba Semiconductor TA8483CP_06 Datasheet HTML 18Page - Toshiba Semiconductor TA8483CP_06 Datasheet HTML 19Page - Toshiba Semiconductor TA8483CP_06 Datasheet HTML 20Page - Toshiba Semiconductor TA8483CP_06 Datasheet HTML 21Page - Toshiba Semiconductor TA8483CP_06 Datasheet HTML 22Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
TA8483CP
2006-3-2
18
Application Circuit
(Note)
Utmost care is necessary in the design of the output, VCC, VM, and GND lines since the IC may be destroyed
by short-circuiting between outputs, air contamination faults, or faults due to improper grounding, or by
short-circuiting between contiguous pins.
.
TB6520P/PG
5, FIN
5V
Speed control
signal (analog)
Frequency of
rotation
L
TA8483CP
24V
Position
detection signal
Excess current
detection signal
2GWJ42
VCC
M
C
U
15
6
16
11
14
13
12
10
3
9
4
7
8
1
2
5
4
11
12
13
1
3
10
9
7
6
2
8
14
N
COMP
IN
− U
IN
− V
IN
− W
ISD
GND
TSD
− SEL
OUT
− V
OUT
− U
VI
OUT
− W
VISD
VDD
WAVE
− W
OC
DUTY
FG
CMP − SEL
XT
GND
XT
OUT
− V
OUT
− U
IP
OUT
− W
START − SP
WAVE
− V
PS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com