Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA8483CP Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TA8483CP
Description  Three−Phase All wave Driver IC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA8483CP Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TA8483CP_06 Datasheet HTML 1Page - Toshiba Semiconductor TA8483CP_06 Datasheet HTML 2Page - Toshiba Semiconductor TA8483CP_06 Datasheet HTML 3Page - Toshiba Semiconductor TA8483CP_06 Datasheet HTML 4Page - Toshiba Semiconductor TA8483CP_06 Datasheet HTML 5Page - Toshiba Semiconductor TA8483CP_06 Datasheet HTML 6Page - Toshiba Semiconductor TA8483CP_06 Datasheet HTML 7Page - Toshiba Semiconductor TA8483CP_06 Datasheet HTML 8Page - Toshiba Semiconductor TA8483CP_06 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
TA8483CP
2006-3-2
5
5. Output voltage detection circuit (COMP)
• Brings about majority logical sum output. (When
two
−phase output or higher out of three−phase
output is larger than mid
−point voltage VCC / 2,
"high" is output; when it is smaller, "low" is
output.)
6. Upper side output B
−E shunt circuit
• A base−emitter shunt circuit is incorporated to
turn off the upper side power transistor.
Absolute Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Supply voltage
VS
35
V
Output current
IOUT (PEAK)
2.0
A
Power dissipation
PD
2.3 (Note)
W
Operating temperature
Topr
−30~85
°C
Storage temperature
Tstg
−55~150
°C
Input voltage
VIN
6.0
V
(Note) No heat sink
Recommended Operating Conditions (Ta =
−30 to 85°C)
Characteristic
Symbol
Min
Typ.
Max
Unit
Supply voltage
VS
20
―
30
V
Output current
IOUT
―
―
1.5
A
Chopping frequency
fPWM
―
20
40
kHz
4
COMP
< Output voltage detection circuit >
Internal logic power
supply (≃ 6.7V)
8
250µA
VCC
VI
OUT
9 / 7 / 6
10
: Shunt circuit
< Upper side output b − e shunt circuit >



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com