Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA8483CP Datasheet(PDF) 16 Page - Toshiba Semiconductor

Part # TA8483CP
Description  Three−Phase All wave Driver IC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA8483CP Datasheet(HTML) 16 Page - Toshiba Semiconductor

Back Button TA8483CP_06 Datasheet HTML 12Page - Toshiba Semiconductor TA8483CP_06 Datasheet HTML 13Page - Toshiba Semiconductor TA8483CP_06 Datasheet HTML 14Page - Toshiba Semiconductor TA8483CP_06 Datasheet HTML 15Page - Toshiba Semiconductor TA8483CP_06 Datasheet HTML 16Page - Toshiba Semiconductor TA8483CP_06 Datasheet HTML 17Page - Toshiba Semiconductor TA8483CP_06 Datasheet HTML 18Page - Toshiba Semiconductor TA8483CP_06 Datasheet HTML 19Page - Toshiba Semiconductor TA8483CP_06 Datasheet HTML 20Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
TA8483CP
2006-3-2
16
Precautions On Using TB6520P/PG+TA8483CP
• About DC power supply voltage and control voltage on / off sequence
The power
−on sequence dictates that VCC (TA8483CP power supply) be turned on after VDD (TB6520P/PG
power supply) becomes steadily on.
When powering on, make sure VDUTY (PWM control input to the TB6520P/PG) is dropped to 0V.
When powering off, make sure VDUTY (PWM control input to the TB6520P/PG) is dropped to 0V.
Before shutting off VDD (TB6520P/PG power supply voltage) wait until VCC (TA8483CP power supply voltage)
is sufficiently low (5V or less).
The thing that especially requires caution is that shutting off VDD during high−speed rotation or floating GND
causes a short
−circuit current to flow in due to counterelectromotive force, which could break down the output
transistors.
When VDD is shut off, the TB6520P/PG output is pulled to GND and the TA8483CP input goes low, causing all
of the lower
−side output transistors to turn on. Because the motor is turning, a short−circuit current is
generated by counterelectromotive force and flows into the transistors as shown below. This current, if large
enough to exceed the rated current, may break the transistors. (This trouble tends to occur when the motor is
not loaded.)
• About an external oscillator for the TB6520P/PG
The TB6520P/PG has an external oscillator attached as the reference clock source to generate PWM control and
commutation signals. Selection of this oscillator requires caution.
Some oscillator may oscillate erratically if the power supply turn
−on time is fast (1ms or less), causing the
TB6520P/PG to malfunction. In this case, the drive IC, the TB8483CP, may break down.
(This is because the TB6520P/PG output is uncertain and the overcurrent limiting function becomes unable to
work.)
• About the TB6520P/PG DUTY input
When the DUTY pin is open, the duty cycle is full (100%).
If the motor with the TA8483CP connected to it is made to run without turning on the power supply voltage, the
induced voltage in the motor wraps around into the TB6520P/PG, causing it to malfunction, which in turn may
break down the TA8483CP.
Make sure the DUTY pin is pulled low via a resistor (approx. 100 kΩ).
• About external diode
For reason of PWM control, when PWM turns off, a regenerative current flows in the lower
−side diodes at the
output stage.
Always be sure to attach an external diode. This external diode must have a sufficient current capacity to
satisfy the maximum value of the motor current. Another thing to be noted is that a through current flows
depending on the diode's reverse recovery time.
TOSHIBA recommends attaching a schottky diode (2GWJ42 or equivalent).
TA8483CP output (lower side)
+
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com