Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA8483CP Datasheet(PDF) 14 Page - Toshiba Semiconductor

Part # TA8483CP
Description  Three−Phase All wave Driver IC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA8483CP Datasheet(HTML) 14 Page - Toshiba Semiconductor

Back Button TA8483CP_06 Datasheet HTML 10Page - Toshiba Semiconductor TA8483CP_06 Datasheet HTML 11Page - Toshiba Semiconductor TA8483CP_06 Datasheet HTML 12Page - Toshiba Semiconductor TA8483CP_06 Datasheet HTML 13Page - Toshiba Semiconductor TA8483CP_06 Datasheet HTML 14Page - Toshiba Semiconductor TA8483CP_06 Datasheet HTML 15Page - Toshiba Semiconductor TA8483CP_06 Datasheet HTML 16Page - Toshiba Semiconductor TA8483CP_06 Datasheet HTML 17Page - Toshiba Semiconductor TA8483CP_06 Datasheet HTML 18Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
TA8483CP
2006-3-2
14
Function Description Of TB6520P/PG+TA8483CP
• Three−phase sensorless drive
The TB6520P/PG detects the motor's induced voltage (motor's terminal voltage), compares it with VM (motor's
power supply voltage) divided by 2, and generates a commutation signal based on the comparison result.
Therefore, the TB6520P/PG eliminates the need for the hall elements and hall ICs that have conventionally
been used to detect the motor's rotor position.
• PWM drive
The TB6520P/PG allows output duty cycles to be controlled by using its duty input voltage.
PWM operation is chopped by the upper
−side output on / off operation.
Position detection is accomplished by monitoring the motor's terminal voltage at falling edges of PWN and
comparing the detected voltage with the reference voltage. In this way, avoid effects of the terminal voltage on
PWM are avoided. But this causes a position detection error associated with the PWM signal frequency.
Therefore, care must be taken when using the controller for high
−speed motors.
• Startup method
At startup, no induced voltage develops because the motor is not turning yet. for this reason, the TB6520P/PG
forcibly applies a predetermined commutation pattern to the motor as it starts.
In this case, a problem occurs that the motor cannot be started smoothly depending on its rotor position.
To solve this problem, the TB6520P/PG uses single
−phase excitation (by setting the IP pin high to fix the phase
and allow current to conduct in only one phase) for a predetermined period. This helps to move the rotor
position at startup forcibly to a ready to start position.
However, since the duration of single
−phase excitation and the power applied for it (DUTY input voltage) varies
with each motor, adjustment is required.
• About the duration of single−phase excitation
The duration of single
−phase excitation (DC excitation) can be changed by adjusting the RC constant in the
application circuit shown below.
Setup example: C = 4.7µF, R = 220kΩ
TB6520P/PG
Start − SP
IP
C
R
Start − SP
IP
DUTY
Duration of single − phase
excitation (DC excitation)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com