Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA8483CP Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TA8483CP
Description  Three−Phase All wave Driver IC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA8483CP Datasheet(HTML) 6 Page - Toshiba Semiconductor

Back Button TA8483CP_06 Datasheet HTML 2Page - Toshiba Semiconductor TA8483CP_06 Datasheet HTML 3Page - Toshiba Semiconductor TA8483CP_06 Datasheet HTML 4Page - Toshiba Semiconductor TA8483CP_06 Datasheet HTML 5Page - Toshiba Semiconductor TA8483CP_06 Datasheet HTML 6Page - Toshiba Semiconductor TA8483CP_06 Datasheet HTML 7Page - Toshiba Semiconductor TA8483CP_06 Datasheet HTML 8Page - Toshiba Semiconductor TA8483CP_06 Datasheet HTML 9Page - Toshiba Semiconductor TA8483CP_06 Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
TA8483CP
2006-3-2
6
Electrical Characteristics (Ta = 25°C, VCC = 24V)
Characteristic
Symbol
Test
Cir
−
cuit
Test Condition
Min.
Typ.
Max.
Unit
ICC (1)
Chop on
―
40
51
ICC (2)
Chop off
―
24
30
Current consumption
ICC (3)
1
Off
―
22
28
mA
IIN1 (L)
VIN = 0V, IN−U, IN−V, IN−W
−350
―
−100
IIN1 (OFF)
VIN = 2.5V, IN−U, IN−V, IN−W
―
0
―
IIN1 (H)
VIN = 5V, IN−U, IN−V, IN−W
100
―
350
IIN2 (L)
VIN = 0V, TSD−SEL, Tj = 150°C
―
0
―
Input current
IIN2 (H)
2
VIN = 5V, TSD−SEL, Tj = 150°C
―
5.5
100
µA
VIN1 (L)
VCC = 20V, IN−U, IN−V, IN−W
0
―
0.7
VIN1 (OFF)
VCC = 20V, IN−U, IN−V, IN−W
1.9
―
3.0
VIN1 (H)
VCC = 20V, IN−U, IN−V, IN−W
4
―
5.5
VIN2 (L)
TSD
−SEL, Tj = 150°C
0
―
0.5
Input voltage
VIN2 (H)
3
TSD
−SEL, Tj = 150°C
1.1
―
5.5
V
Mid
−point potential
VN
4
0.95×
VS / 2
VS / 2
1.05×
VS / 2
V
Pin voltage detection
level
VCMP
5
0.95×
VS / 2
VS / 2
1.05×
VS / 2
V
Pin voltage detection
output voltage
VOV
5
IO = 50µA
4.3
―
5.15
V
Excess current
detection level
VRF
6
0.43
0.50
0.52
V
Excess current
detection output
voltage
VOC
6
IO = 50µA
4.3
―
5.15
V
VCC = 20V, IO = 1A
―
1.3
1.7
VSAT (H)
7
VCC = 20V, IO = 1.5A
―
1.6
2.1
VCC = 20V, IO = 1A
―
1.3
1.7
Output saturation
voltage
VSAT (H)
8
VCC = 20V, IO = 1.5A
―
1.5
2.0
V
Upper side diode
forward voltage
VF (H)
9
IO = 1A
―
1.8
2.5
V
Output leakage
voltage
IL (L)
10
VL = 35V
―
0
50
Upper side output B
−E
shunt circuit current
IS
11
VCC = 35V
―
250
400
TSD (ON)
―
175
―
TSD (OFF)
―
150
―
Heat protection
operative temperature
TSD (HYS)
―
Tj
―
25
―
°C
ton
―
0.2
―
Output transmission
time
toff
―
―
6.1
―
µs
tpLH
―
0.5
―
Comparator output
transmitting duration
tpHL
―
―
1.5
―
µs
tr
―
1
―
Excess current
detection duration
tf
―
―
7
―
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com