Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA8483CP Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TA8483CP
Description  Three−Phase All wave Driver IC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA8483CP Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TA8483CP_06 Datasheet HTML 1Page - Toshiba Semiconductor TA8483CP_06 Datasheet HTML 2Page - Toshiba Semiconductor TA8483CP_06 Datasheet HTML 3Page - Toshiba Semiconductor TA8483CP_06 Datasheet HTML 4Page - Toshiba Semiconductor TA8483CP_06 Datasheet HTML 5Page - Toshiba Semiconductor TA8483CP_06 Datasheet HTML 6Page - Toshiba Semiconductor TA8483CP_06 Datasheet HTML 7Page - Toshiba Semiconductor TA8483CP_06 Datasheet HTML 8Page - Toshiba Semiconductor TA8483CP_06 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
TA8483CP
2006-3-2
1
TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA8483CP
Three−Phase All wave Driver IC
The TA8483CP is a three−phase all wave driver IC that makes
possible PWM sensorless driving.
Features
• Built−in excess current detection function
• Built−in heat protection function
Weight: 3.0g (typ.)
TA8483CP:
The TA8483CP is Sn plated product including Pb.
The following conditions apply to solderability:
*Solderability
1. Use of Sn-37Pb solder bath
*solder bath temperature = 230°C
*dipping time = 5 seconds
*number of times = once
*use of R-type flux
2. Use of Sn-3.0Ag-0.5Cu solder bath
*solder bath temperature = 245°C
*dipping time = 5 seconds
*the number of times = once
*use of R-type flux


Similar Part No. - TA8483CP_06

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8483CP TOSHIBA-TA8483CP Datasheet
602Kb / 19P
THREE-PHASE ALL WAVE DRIVER IC
More results

Similar Description - TA8483CP_06

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8483CP TOSHIBA-TA8483CP Datasheet
602Kb / 19P
THREE-PHASE ALL WAVE DRIVER IC
logo
Motorola, Inc
MC33395 MOTOROLA-MC33395 Datasheet
534Kb / 16P
Three-Phase Gate Driver IC
logo
Toshiba Semiconductor
TA8492P TOSHIBA-TA8492P Datasheet
178Kb / 13P
Three-Phase Full-Wave Brushless DC Motor Driver IC
TA84005F TOSHIBA-TA84005F Datasheet
250Kb / 21P
Three-Phase Wave Motor Driver IC
TA84006F TOSHIBA-TA84006F Datasheet
251Kb / 21P
Three-Phase Wave Motor Driver IC
logo
Freescale Semiconductor...
33395 FREESCALE-33395 Datasheet
782Kb / 16P
Three-Phase Gate Driver IC
logo
Toshiba Semiconductor
TA8492P TOSHIBA-TA8492P_06 Datasheet
245Kb / 14P
Three-Phase Full-Wave Brushless DC Motor Driver IC
TA84006F TOSHIBA-TA84006F_06 Datasheet
293Kb / 22P
Three-Phase Wave Motor Driver IC
logo
Anpec Electronics Corop...
APX7320 ANPEC-APX7320 Datasheet
347Kb / 22P
Three-Phase Full-wave Sine-wave Brushless Motor Driver
APX9322A ANPEC-APX9322A Datasheet
320Kb / 24P
Three-Phase Full-wave Sine-wave Brushless Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com