Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA8483CP Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TA8483CP
Description  Three−Phase All wave Driver IC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA8483CP Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TA8483CP_06 Datasheet HTML 1Page - Toshiba Semiconductor TA8483CP_06 Datasheet HTML 2Page - Toshiba Semiconductor TA8483CP_06 Datasheet HTML 3Page - Toshiba Semiconductor TA8483CP_06 Datasheet HTML 4Page - Toshiba Semiconductor TA8483CP_06 Datasheet HTML 5Page - Toshiba Semiconductor TA8483CP_06 Datasheet HTML 6Page - Toshiba Semiconductor TA8483CP_06 Datasheet HTML 7Page - Toshiba Semiconductor TA8483CP_06 Datasheet HTML 8Page - Toshiba Semiconductor TA8483CP_06 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
TA8483CP
2006-3-2
3
Pin Connection
Pin Function
Pin
No.
Symbol
I / O
Functional Description
1
ISD
O
Excess current detection signal output
2
TSD
−SEL
I
Heat protection circuit selecting pin
3
N
―
Mid
−point voltage pin
4
COMP
O
Majority logical sum output (power output pin voltage detection circuit)
5
GND
―
GND
6
OUT
−W
O
W
−phase output pin
7
OUT
−V
O
V
−phase output pin
8
VI
O
Current detection resistanse connecting pin
9
OUT
−U
O
U
−phase output pin
10
VCC
I
Supply voltage pin
11
IN
−U
I
U
−phase input pin
12
IN
−V
I
V
−phase input pin
13
IN
−W
I
W
−phase input pin
14
VISD
I
Excess current detection input pin
TSD−SEL
COMP
VISD
GND
IN−W
1
ISD
2
N 3
4
5
6
GND
7
8
14
VCC
13
VI
9
OUT−V
11
12
10
OUT−W
IN−V
IN−U
GND
OUT−U



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com