Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA8483CP Datasheet(PDF) 17 Page - Toshiba Semiconductor

Part # TA8483CP
Description  Three−Phase All wave Driver IC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA8483CP Datasheet(HTML) 17 Page - Toshiba Semiconductor

Back Button TA8483CP_06 Datasheet HTML 13Page - Toshiba Semiconductor TA8483CP_06 Datasheet HTML 14Page - Toshiba Semiconductor TA8483CP_06 Datasheet HTML 15Page - Toshiba Semiconductor TA8483CP_06 Datasheet HTML 16Page - Toshiba Semiconductor TA8483CP_06 Datasheet HTML 17Page - Toshiba Semiconductor TA8483CP_06 Datasheet HTML 18Page - Toshiba Semiconductor TA8483CP_06 Datasheet HTML 19Page - Toshiba Semiconductor TA8483CP_06 Datasheet HTML 20Page - Toshiba Semiconductor TA8483CP_06 Datasheet HTML 21Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
TA8483CP
2006-3-2
17
• Other precautions to be observed
(1) When VDD changes slowly (1V / s or less) between 2 to 4V (near 3.8V), the TA8483CP's output transistors
are placed in an oscillating state and could thereby be broken.
(2) If VCC and VDD are connected to the GND line that is floating, the device may break down.
When the GND line goes open, the capacitor on the low
−voltage power supply side is charged with a high
voltage from the 24V line through a circuit shown above. When GND is connected next time,the device may
be broken by that voltage.
Input
Output
a
b
a
b
3.8V
VCC (24V)
This is charged.
VDD (5V)
×
M
TA8483CP
TB6520P/PG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com