Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U385VG Datasheet(PDF) 118 Page - STMicroelectronics

Part # STM32U385VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS, crypto
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U385VG Datasheet(HTML) 118 Page - STMicroelectronics

Back Button STM32U385VG Datasheet HTML 114Page - STMicroelectronics STM32U385VG Datasheet HTML 115Page - STMicroelectronics STM32U385VG Datasheet HTML 116Page - STMicroelectronics STM32U385VG Datasheet HTML 117Page - STMicroelectronics STM32U385VG Datasheet HTML 118Page - STMicroelectronics STM32U385VG Datasheet HTML 119Page - STMicroelectronics STM32U385VG Datasheet HTML 120Page - STMicroelectronics STM32U385VG Datasheet HTML 121Page - STMicroelectronics STM32U385VG Datasheet HTML 122Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 224 page
background image
Symbol
Parameter
Conditions
Typ
Max (1)
Unit
VDD
25°C
55°C
85°C
105°C
30°C
55°C
85°C
105°C
IDD
(Shutdown
with RTC)
Supply
current in
Shutdown
mode (backup
registers
retained),
RTC enabled
RTC(2)
clocked by
LSE
bypassed at
32768 Hz
1.8
0.30
0.6
1.8
4.5
0.92
1.7
4.5
12
µA
2.4
0.34
0.7
2.0
4.8
1.1
1.7
5.0
12
3
0.45
0.9
2.5
5.6
1.4
2.2
6.2
14
3.3
0.65
1.2
3.2
7.0
2.1
3.0
8.0
18
3.6
1.15
2.1
4.7
9.3
3.6
5.2
12
24
RTC(2)
clocked by
LSE quartz in
low-drive
mode
1.8
0.45
0.8
2.0
4.6
-
-
-
-
2.4
0.49
0.8
2.2
5.0
-
-
-
-
3
0.58
1.0
2.6
5.7
-
-
-
-
3.3
0.73
1.4
3.4
7.1
-
-
-
-
3.6
1.25
2.2
4.8
9.4
-
-
-
-
1. Evaluated by characterization. Not tested in production.
2. RTC with default configuration but RTC_CALR.LPCAL = 1
Table 64. Current consumption during wake-up from Shutdown mode
Symbol
Parameter
Conditions
Typ
Unit
VDD
25°C
QDD (wakeup from
Shutdown)
Electrical charge
consumed during
wakeup from
Shutdown mode
Wake-up clock is
MSI 12 MHz
3.0
15
uAs
Table 65. Current consumption in VBAT mode
Symbol
Paramet
er
Conditions
Typ
Max(1)
Unit
VDD
25°C
55°C
85°C
105°C
30°C
55°C
85°C
105°C
IDD
(VBAT)
Supply
current in
VBAT
mode
(backup
registers
retained),
RTC
disabled
-
1.8
0.01
0.07
0.33
0.85
0.04
0.18
0.83
2.2
µA
2.4
0.01
0.08
0.36
0.91
0.04
0.20
0.90
2.3
3
0.02
0.10
0.42
1.00
0.07
0.25
1.1
2.5
3.3
0.06
0.20
0.70
1.65
0.20
0.49
1.8
4.2
3.6
0.17
0.37
0.99
2.05
0.53
0.93
2.5
5.2
IDD(VBAT
with RTC)
Supply
current in
VBAT
mode
(backup
registers
retained),
RTC
enabled
RTC(2)
clocked by
LSE
bypassed
at 32 KHz
1.8
0.30
0.38
0.67
1.20
0.36
0.52
1.2
2.6
2.4
0.37
0.45
0.76
1.35
0.43
0.61
1.4
2.8
3
0.46
0.56
0.91
1.50
0.56
0.76
1.6
3.1
3.3
0.56
0.71
1.25
2.20
0.74
1.10
2.4
4.8
3.6
0.73
0.95
1.60
2.70
1.20
1.6
3.2
5.9
RTC(2)
clocked by
LSE
bypassed
at 32 KHz,
RTC_CALR
. LPCAL =
1
1.8
0.23
0.30
0.59
1.15
0.28
0.43
1.2
2.5
2.4
0.26
0.35
0.66
1.20
0.32
0.49
1.3
2.6
3
0.32
0.42
0.76
1.40
0.40
0.61
1.5
3.0
3.3
0.40
0.55
1.10
2.05
0.56
0.9
2.2
4.6
3.6
0.56
0.77
1.40
2.50
1.0
1.4
3.0
5.7
STM32U385xx
Electrical characteristics
DS14830 - Rev 2
page 118/224



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com