Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U385VG Datasheet(PDF) 122 Page - STMicroelectronics

Part # STM32U385VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS, crypto
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U385VG Datasheet(HTML) 122 Page - STMicroelectronics

Back Button STM32U385VG Datasheet HTML 118Page - STMicroelectronics STM32U385VG Datasheet HTML 119Page - STMicroelectronics STM32U385VG Datasheet HTML 120Page - STMicroelectronics STM32U385VG Datasheet HTML 121Page - STMicroelectronics STM32U385VG Datasheet HTML 122Page - STMicroelectronics STM32U385VG Datasheet HTML 123Page - STMicroelectronics STM32U385VG Datasheet HTML 124Page - STMicroelectronics STM32U385VG Datasheet HTML 125Page - STMicroelectronics STM32U385VG Datasheet HTML 126Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 224 page
background image
Bus
Peripheral
LDO
SMPS
Unit
Range 1
Range 2
Stop 1/2
Range 1
Range 2
Stop 1/2
SPI1 Indep
μA/MHz
0.68
0.59
-
0.22
0.17
-
TIM1
3.89
3.35
-
1.27
0.97
-
TIM15
2.28
1.96
-
0.75
0.58
-
TIM16
1.41
1.2
-
0.46
0.36
-
TIM17
1.71
1.46
-
0.56
0.43
-
USART1
3.95
3.38
2
1.29
0.99
0.65
USART1 Indep
2.63
2.27
-
0.86
0.66
-
USB1
2.41
2.06
-
0.78
0.6
-
USB1 Indep
0.77
0.66
-
0.25
0.19
-
COMP
0.26
0.22
0.26
0.08
0.06
0.08
I2C3
0.64
0.55
2.13
0.21
0.16
0.7
I2C3 Indep
1.49
1.29
1.49
0.49
0.37
0.49
LPTIM1
1.13
0.97
1.13
0.37
0.28
0.37
LPTIM1 Indep
2.96
2.57
2.95
0.98
0.74
0.97
LPTIM3
0.88
0.75
0.88
0.29
0.22
0.28
LPTIM3 Indep
2.59
2.22
2.57
0.85
0.64
0.85
LPTIM4
0.71
0.61
0.71
0.23
0.18
0.23
LPTIM4 Indep
1.68
1.43
1.67
0.55
0.42
0.55
LPUART1
1.16
1.01
1.15
0.38
0.29
0.38
LPUART1 Indep
2
1.72
2
0.66
0.5
0.66
SYSCFG
0.28
0.25
-
0.09
0.07
-
-
ALL_ON
104.17
99.41
58.74
37.58
28.85
19.25
5.3.7
Wake-up time from low-power modes and voltage scaling transition times
The wake-up times given in the table below are the latency between the event and the execution of the first user
instruction (FSTEN = 1 in PWR_CR3 if not mentioned).
The device goes in low-power mode after the WFE (wait for event) instruction.
Table 67. Low-power mode wake-up timings on LDO
Symbol
Parameter
Conditions
Typ (3 V,
30°C)
Max (1)(3 V)
Unit
twu)(Sleep
Wake-up time from
Sleep mode to Run
mode
SLEEP_PD=0
-
15
18
CPU cycles
SLEEP_PD = 1 with MSI = 48 MHz
-
9.5
18
µs
twu(Stop 0)
Wake up time from
Stop 0 mode to Run
mode all SRAMs
retained
Wake-up in flash, range 2,
PWR_CR2.FLASHFWU = 1
PWR_CR2.SRAMFWU=1 ICACHE OFF
MSI
48 MHz
3.7
4
µs
Wake-up in flash, range 2,
PWR_CR2.FLASHFWU = 0
PWR_CR2.SRAMFWU=0
MSI
48 MHz
9.8
18
HSI
16 MHz
9.7
18
MSI
3 MHz
14.7
23
STM32U385xx
Electrical characteristics
DS14830 - Rev 2
page 122/224



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com